Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC7537AN Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC7537AN
Szczegółowy opis  Electronic Volume Control System for Audio Equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7537AN Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC7537AN Datasheet HTML 1Page - Sanyo Semicon Device LC7537AN Datasheet HTML 2Page - Sanyo Semicon Device LC7537AN Datasheet HTML 3Page - Sanyo Semicon Device LC7537AN Datasheet HTML 4Page - Sanyo Semicon Device LC7537AN Datasheet HTML 5Page - Sanyo Semicon Device LC7537AN Datasheet HTML 6Page - Sanyo Semicon Device LC7537AN Datasheet HTML 7Page - Sanyo Semicon Device LC7537AN Datasheet HTML 8Page - Sanyo Semicon Device LC7537AN Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CMOS LSI
Ordering number : EN2169C
81096HA(OT)/31293JN/7018YT/6186KI,TS No. 2169-1/11
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Electronic Volume Control System for
Audio Equipment
LC7537, 7537AN, 7537NE
Overview
The LC7537N is an electronic control LSI capable of
electronically controlling the volume, balance, loudness,
fader, bass, and treble functions individually with fewer
externally connected component parts.
Features
• Enables controlling the below-listed functions with 3-
line serial data, including CE, DI, and CLK. Also, due
to 0 V to 5 V swing of the serial data input voltage,
permits the use of a general purpose microcomputer.
Volume :
Separately controls the Lch and Rch
volume levels across 81 positions over
the 0 dB to –79 dB (in 1 dB steps) range
and –
∞, and consequently also serves
balance control purposes.
Loudness :
By virtue of a center tap provided at the
–20 dB position of the volume
controlling ladder resistors, permits
loudness to
be
controlled
with
externally connected CR components.
Fader :
By varying only the rear or front output
level across 16 positions, provides fader
functions (in 2 dB steps over the 0 dB to
–20 dB range, and 5 dB steps over the
–20 dB to –45 dB range, and at –
∞, for
a total of 16 positions).
Bass/Treble : With CR components externally
connected, forms an NF type tone
control circuit (Baxandall type) to
exercise control across 15 positions
over both the bass and treble functions
in 2 dB steps.
• By virtue of its CMOS structure, the LSI operates under
a broad power supply voltage range from +4.5 V to +15
V, permitting the use of either a single or a dual ± power
supply, whichever is preferred.
Package Dimensions
SANYO: DIP42S
[LC7573N]
unit : mm
3025B-DIP42S
SANYO: QIP48E
[LC7537NE]
SANYO: QIP48A
[LC7537AN]
unit : mm
3156-QFP48E
unit : mm
3052A-QFP48A


Podobny numer części - LC7537AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7537 SANYO-LC7537 Datasheet
718Kb / 21P
   Electronic Volume Control for Car Stereo Systems
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75372E SANYO-LC75372E Datasheet
481Kb / 18P
   Electronic Volume Control for Car Stereo Systems
LC75373E SANYO-LC75373E Datasheet
718Kb / 21P
   Electronic Volume Control for Car Stereo Systems
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
   Electronic Volume and Tone Control for Car Stereos
More results

Podobny opis - LC7537AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7538JM SANYO-LC7538JM Datasheet
283Kb / 13P
   Electronic Volume Control System for Car Audio ?
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
   Two-Channel Electronic Volume Control System
May, 2014
logo
Sanyo Semicon Device
LC75345M SANYO-LC75345M Datasheet
1Mb / 22P
   Electronic Volume Control System on-Chip
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com