Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75386NE Arkusz danych(PDF) 10 Page - Sanyo Semicon Device

Numer części LC75386NE
Szczegółowy opis  Electronic Volume and Tone Control for Car Stereo Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75386NE Arkusz danych(HTML) 10 Page - Sanyo Semicon Device

Back Button LC75386NE Datasheet HTML 6Page - Sanyo Semicon Device LC75386NE Datasheet HTML 7Page - Sanyo Semicon Device LC75386NE Datasheet HTML 8Page - Sanyo Semicon Device LC75386NE Datasheet HTML 9Page - Sanyo Semicon Device LC75386NE Datasheet HTML 10Page - Sanyo Semicon Device LC75386NE Datasheet HTML 11Page - Sanyo Semicon Device LC75386NE Datasheet HTML 12Page - Sanyo Semicon Device LC75386NE Datasheet HTML 13Page - Sanyo Semicon Device LC75386NE Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
No. 5937-10/20
LC75386NE
Pin Descriptions
Pin No.
Pin name
Function
Notes
• Single-ended inputs
54
53
52
51
55
59
60
61
62
58
L1
L2
L3
L4
L6
R1
R2
R3
R4
R6
• Differential inputs
50
49
63
64
L5M
L5P
R5M
R5P
• Input selector outputs
48
1
LSEL0
RSEL0
• 2-dB step volume control inputs
• Input signals must be provided from a low-impedance
circuit.
47
2
LVRIN
RVRIN
• Loudness
connections.
Connect
the
high-band
compensation CR circuit between LCT (RCT) and LVRIN
(RVRIN), and connect the low-band compensation CR
circuit between LCT (RCT) and Vref.
46
3
LCT
RCT
• 2-dB step volume control outputs
• Connect these pins to Vref through coupling capacitors to
reduce switching noise.
45
4
LCOM
RCOM
• Equalizer inputs
43
6
LTIN
RTIN
Continued on next page.


Podobny numer części - LC75386NE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75386NE-R SANYO-LC75386NE-R Datasheet
253Kb / 23P
   LC75386NE-R/LC75386NW
More results

Podobny opis - LC75386NE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
LC75373E SANYO-LC75373E Datasheet
718Kb / 21P
   Electronic Volume Control for Car Stereo Systems
LC75372E SANYO-LC75372E Datasheet
481Kb / 18P
   Electronic Volume Control for Car Stereo Systems
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
   Electronic Volume and Tone Control for Car Stereos
LC75382E SANYO-LC75382E Datasheet
284Kb / 16P
   Electronic Tone Controls for Car Stereo Systems?
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com