Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2221AUA Arkusz danych(PDF) 5 Page - Microsemi Corporation

Numer części 2N2221AUA
Szczegółowy opis  RADIATION HARDENED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2221AUA Arkusz danych(HTML) 5 Page - Microsemi Corporation

  2N2221AUA Datasheet HTML 1Page - Microsemi Corporation 2N2221AUA Datasheet HTML 2Page - Microsemi Corporation 2N2221AUA Datasheet HTML 3Page - Microsemi Corporation 2N2221AUA Datasheet HTML 4Page - Microsemi Corporation 2N2221AUA Datasheet HTML 5Page - Microsemi Corporation 2N2221AUA Datasheet HTML 6Page - Microsemi Corporation 2N2221AUA Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0042 Rev. 3 (100247)
Page 5 of 7
NOTES:
Dimensions
1. Dimensions are in inches.
Symbol
Inches
Millimeters
Note
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. Dimension CH controls the overall package thickness. When a
BL
.215
.225
5.46
5.71
window lid is used, dimension CH must increase by a minimum of
BL2
.225
5.71
.010 inch (0.254 mm) and a maximum of .040 inch (1.020 mm).
BW
.145
.155
3.68
3.93
4. The corner shape (square, notch, radius) may vary at the
BW2
.155
3.93
manufacturer's option, from that shown on the drawing.
CH
.061
.075
1.55
1.90
3
5. Dimensions LW2 minimum and L3 minimum and the appropriate
L3
.003
.007
0.08
0.18
5
castellation length define an unobstructed three-dimensional space
LH
.029
.042
0.74
1.07
traversing all of the ceramic layers in which a castellation was
LL1
.032
.048
0.81
1.22
designed. (Castellations are required on the bottom two layers,
LL2
.072
.088
1.83
2.23
optional on the top ceramic layer.) Dimension LW2 maximum and
LS
.045
.055
1.14
1.39
L3 maximum define the maximum width and depth of the
LW
.022
.028
0.56
0.71
castellation at any point on its surface. Measurement of these
LW2
.006
.022
0.15
0.56
5
dimensions may be made prior to solder dipping.
6. The co-planarity deviation of all terminal contact points, as defined
by the device seating plane, shall not exceed .006 inch (0.15mm) for
Pin no.
1
2
3
4
solder dipped leadless chip carriers.
Transistor
Collector
Emitter
Base
N/C
7. In accordance with ASME Y14.5M, diameters are equivalent to
φx
symbology.
FIGURE 2. Physical dimensions, surface mount (UA version).


Podobny numer części - 2N2221AUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
2N2221AUA MICROSEMI-2N2221AUA Datasheet
58Kb / 2P
   NPN SILICON SWITCHING TRANSISTOR
120101
2N2221AUA MICROSEMI-2N2221AUA Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR
2N2221AUA MICROSEMI-2N2221AUA Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
2N2221AUA MICROSEMI-2N2221AUA Datasheet
142Kb / 6P
   TECHNICAL DATA SHEET NPN SILICON SWITCHING TRANSISTOR
More results

Podobny opis - 2N2221AUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
   Radiation-Hardened FPGAs
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
   Radiation Hardened Synchronous Counter
September 1995
HCTS160T INTERSIL-HCTS160T Datasheet
91Kb / 3P
   Radiation Hardened Synchronous Counter
July 1999
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com