Zakładka z wyszukiwarką danych komponentów |
|
LC75742W Arkusz danych(PDF) 7 Page - Sanyo Semicon Device |
|
LC75742W Arkusz danych(HTML) 7 Page - Sanyo Semicon Device |
7 / 18 page Control Data • S0, S1: Sleep control data This control data controls switching between sleep mode and normal mode, and also sets the states of the KS1 to KS6 key scan output pins in key scan standby mode. • DM0 to DM9: Dimmer data This data controls the duty of the G1, G2 digit output pins. This data forms a 10-bit binary value in which D0 is the LSB. The brightness of the display can be controlled by adjusting the duty of the G1, G2 digit output pins. The table lists the relationship between the dimmer data and the dimmer value. t3 and t4: See figure 5. Relationship between the Display Data (D1 to D82) and the Segment Output Pins As an example, the table below lists the operation of the S11 segment output pin. No. 6142-7/18 LC75742E, LC75742W Control data Mode Clock generator Segment outputs Output pin states during key scan standby S0 S1 (oscillator circuit) Digit output KS1 KS2 KS3 KS4 KS5 KS6 0 0 Normal Oscillator operating Operating H H H H H H 0 1 Sleep Stopped L L L L L L H 1 0 Sleep Stopped L L L L L H H 1 1 Sleep Stopped L H H H H H H DM9 DM8 DM7 DM6 DM5 DM4 DM3 DM2 DM1 DM0 Dimmer value (t4/t3) 0 0 0 0 0 0 0 0 0 0 0/1024 0 0 0 0 0 0 0 0 0 1 1/1024 0 0 0 0 0 0 0 0 1 0 2/1024 to to 1 1 1 1 1 1 1 1 0 0 1020/1024 1 1 1 1 1 1 1 1 0 1 1021/1024 1 1 1 1 1 1 1 1 1 0 1022/1024 1 1 1 1 1 1 1 1 1 1 Illegal setting Segment G1 G2 output pin S1 D1 D42 S2 D2 D43 S3 D3 D44 S4 D4 D45 S5 D5 D46 S6 D6 D47 S7 D7 D48 S8 D8 D49 S9 D9 D50 S10 D10 D51 S11 D11 D52 S12 D12 D53 S13 D13 D54 S14 D14 D55 Segment G1 G2 output pin S15 D15 D56 S16 D16 D57 S17 D17 D58 S18 D18 D59 S19 D19 D60 S20 D20 D61 S21 D21 D62 S22 D22 D63 S23 D23 D64 S24 D24 D65 S25 D25 D66 S26 D26 D67 S27 D27 D68 S28 D28 D69 Segment G1 G2 output pin S29 D29 D70 S30 D30 D71 S31 D31 D72 S32 D32 D73 S33 D33 D74 S34 D34 D75 S35 D35 D76 S36 D36 D77 S37 D37 D78 S38 D38 D79 S39 D39 D80 S40 D40 D81 S41 D41 D82 Display data Segment output pin (S11) state D11 D52 0 0 The segments corresponding to the G1 and G2 digit output pins are off 0 1 The segment corresponding to the G2 digit output pin is turned on 1 0 The segment corresponding to the G1 digit output pin is on 1 1 The segments corresponding to the G1 and G2 digit output pins are on |
Podobny numer części - LC75742W |
|
Podobny opis - LC75742W |