Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75816E Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LC75816E
Szczegółowy opis  1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75816E Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LC75816E Datasheet HTML 1Page - Sanyo Semicon Device LC75816E Datasheet HTML 2Page - Sanyo Semicon Device LC75816E Datasheet HTML 3Page - Sanyo Semicon Device LC75816E Datasheet HTML 4Page - Sanyo Semicon Device LC75816E Datasheet HTML 5Page - Sanyo Semicon Device LC75816E Datasheet HTML 6Page - Sanyo Semicon Device LC75816E Datasheet HTML 7Page - Sanyo Semicon Device LC75816E Datasheet HTML 8Page - Sanyo Semicon Device LC75816E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
No. 7142-5/43
LC75816E, 75816W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, INH, KI1 to KI5
0.1 VDD
V
Power-down detection voltage
VDET
2.5
3.0
3.5
V
Input high level current
IIH
CE, CL, DI, INH, OSCI: VI = 6.0 V
5.0
µA
Input low level current
IIL
CE, CL, DI, INH, OSCI: VI = 0 V
–5.0
µA
Input floating voltage
VIF
KI1 to KI5
0.05 VDD
V
Pull-down resistance
RPD
KI1 to KI5: VDD = 5.0 V
50
100
250
k
Output off leakage current
IOFFH
DO: VO = 6.0 V
6.0
µA
VOH1
S1 to S65: IO = –20 µA
VLCD0 – 0.6
VOH2
COM1 to COM10: IO = –100 µA
VLCD0 – 0.6
Output high level voltage
VOH3
KS1 to KS6: IO = –500 µA
VDD – 1.0 VDD – 0.5
VDD – 0.2
V
VOH4
P1, P2: IO = –1 mA
VDD – 1.0
VOH5
OSCO: IO = –500 µA
VDD – 1.0
VOL1
S1 to S65: IO = 20 µA
VLCD4 + 0.6
VOL2
COM1 to COM10: IO = 100 µA
VLCD4 + 0.6
Output low level voltage
VOL3
KS1 to KS6: IO = 25 µA
0.2
0.5
1.5
V
VOL4
P1, P2: IO = 1 mA
1.0
VOL5
OSCO: IO = 500 µA
1.0
VOL6
DO: IO = 1 mA
0.1
0.5
VMID1
S1 to S65: IO = ±20 µA
2/4 (VLCD0 – VLCD4) – 0.6
2/4 (VLCD0 – VLCD4) + 0.6
Output middle level voltage*2
VMID2
COM1 to COM10: IO = ±100 µA
3/4 (VLCD0 – VLCD4) – 0.6
3/4 (VLCD0 – VLCD4) + 0.6
V
VMID3
COM1 to COM10: IO = ±100 µA
1/4 (VLCD0 – VLCD4) – 0.6
1/4 (VLCD0 – VLCD4) + 0.6
Oscillator frequency
fOSC
OSCI, OSCO: ROSC = 33 kΩ, COSC = 220 pF
210
300
390
kHz
IDD1
VDD: sleep mode
100
IDD2
VDD: VDD = 6.0 V, output open, fOSC = 300 kHz
500
1000
Current drain
ILCD1
VLCD: sleep mode
5
µA
ILCD2
VLCD: VLCD = 10.0 V, output open, fOSC = 300 kHz
450
900
When the display contrast adjustment circuit is used.
ILCD3
VLCD: VLCD = 10.0 V, output open, fOSC = 300 kHz
200
400
When the display contrast adjustment circuit is not used.
Electrical Characteristics for the Allowable Operating Ranges
Note: *2. Excluding the bias voltage generation divider resistor built into the VLCD0, VLCD1, VLCD2, VLCD3, and VLCD4. (See Figure 1.)
VLCD
VLCD3
VLCD4
VLCD2
VLCD0
VLCD1
CONTRAST
ADJUSTER
Excluding these resistors
To the common and segment drivers
Figure 1


Podobny numer części - LC75816E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810E ONSEMI-LC75810E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810T SANYO-LC75810T Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T ONSEMI-LC75810T Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
More results

Podobny opis - LC75816E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75812PT SANYO-LC75812PT Datasheet
438Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75817E SANYO-LC75817E Datasheet
829Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com