Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC75834JE Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC75834JE
Szczegółowy opis  1/4 Duty General-Purpose LCD Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75834JE Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC75834JE Datasheet HTML 1Page - Sanyo Semicon Device LC75834JE Datasheet HTML 2Page - Sanyo Semicon Device LC75834JE Datasheet HTML 3Page - Sanyo Semicon Device LC75834JE Datasheet HTML 4Page - Sanyo Semicon Device LC75834JE Datasheet HTML 5Page - Sanyo Semicon Device LC75834JE Datasheet HTML 6Page - Sanyo Semicon Device LC75834JE Datasheet HTML 7Page - Sanyo Semicon Device LC75834JE Datasheet HTML 8Page - Sanyo Semicon Device LC75834JE Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Overview
The LC75834E, LC75834W, and LC75834JE are 1/4-duty
general-purpose LCD drivers that can be used for
frequency display in electronic tuners under the control of
a microcontroller. The LC75834E and LC75834W can
drive an LCD with up to 136 segments directly, the
LC75834JE can drive an LCD with up to 120 segments
directly. The LC75834E and LC75834W and LC75834JE
can also control up to 8 general-purpose output ports.
Since the LC75834E, LC75834W, and LC75834JE use
separate power supply systems for the LCD drive block
and the logic block, the LCD driver block power-supply
voltage can be set to any voltage in the range 2.7 to 6.0
volts, regardless of the logic block power-supply voltage.
Features
• Supports both 1/4 duty 1/2 bias and 1/4 duty 1/3 bias
LCD drive under serial data control.
LC75834E, LC75834W:
up to 136 segments
LC75834JE:
up to 120 segments
(without the S9, S18, S27, S34 segment output pins
from the LC75834E, LC75834W)
• Serial data input supports CCB* format communication
with the system controller.
• Serial data control of the power-saving mode based
backup function and all the segments forced off function
• Serial data control of switching between the segment
output port and the general-purpose output port
functions
• High generality, since display data is displayed directly
without decoder intervention.
• Independent VLCD for the LCD driver block (VLCD can
be set to any voltage in the range 2.7 to 6.0 volts,
regardless of the logic block power-supply voltage.)
• The INH pin can force the display to the off state.
• RC oscillator circuit
Package Dimensions
unit: mm
3156-QFP48E
unit: mm
3163A-SQFP48
unit: mm
3148-QFP44MA
[LC75834W]
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is a SANYO’s original bus format and all the
bus addresses are controlled by SANYO.
[LC75834E]
SANYO: QFP48E
[LC75834JE]
SANYO: SQFP48
SANYO: QIP44MA
Ordering number : EN5597
63097HA (OT) No. 5597-1/18
1/4 Duty General-Purpose
LCD Drivers
LC75834E, 75834W, 75834JE
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
CMOS LSI


Podobny numer części - LC75834JE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75832E ONSEMI-LC75832E Datasheet
174Kb / 22P
   General-Purpose LCD Display Driver
July, 2013
LC75832E ONSEMI-LC75832E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832E-E ONSEMI-LC75832E-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
LC75832EH-E ONSEMI-LC75832EH-E Datasheet
382Kb / 24P
   Duty Drive General-Purpose LCD Driver
June 2017 - Rev. 1
More results

Podobny opis - LC75834JE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC75850E SANYO-LC75850E Datasheet
199Kb / 11P
   1/3 Duty General Purpose LCD Drivers???
LC75823E SANYO-LC75823E Datasheet
229Kb / 12P
   1/3 Duty General-Purpose LCD Drivers?
LC75833E SANYO-LC75833E Datasheet
137Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75833E-E SANYO-LC75833E-E Datasheet
142Kb / 19P
   1/3 Duty General-Purpose LCD Display Drivers
LC75814V SANYO-LC75814V Datasheet
101Kb / 14P
   1/4 Duty General-Purpose LCD Driver
LC75844M SANYO-LC75844M Datasheet
133Kb / 14P
   1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
LC75836WS-T ONSEMI-LC75836WS-T_17 Datasheet
263Kb / 17P
   1/4-Duty General-Purpose LCD Driver
June 2017 - Rev. 1
logo
Sanyo Semicon Device
LC75838E SANYO-LC75838E Datasheet
341Kb / 32P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75878E SANYO-LC75878E Datasheet
669Kb / 33P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
   1/3, 1/4 Duty General-Purpose LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com