Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


LC75874E Datasheet(Arkusz danych) 3 Page - Sanyo Semicon Device

Numer części LC75874E
Szczegółowy opis  1/4-Duty General-Purpose LCD Display Driver
Pobierz  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  http://www.ssdc-jp.com/eng/
Logo 

 
 3 page
background image
Note: *1 Excluding the bias voltage generation divider resistors built in the VLCD1 and VLCD2. (See Figure 1.)
No. 4465No. 5800-3/16
LC75874E, 75874W
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Hysteresis
VH
CE, CL, DI, INH
0.1 VDD
V
Input high-level current
IIH
CE, CL, DI, INH: VI = 6.0 V
5.0
µA
Input low-level current
IIL
CE, CL, DI, INH: VI = 0 V
–5.0
µA
VOH1
S1 to S66: IO = –20 µA
VLCD – 0.9
Output high-level voltage
VOH2
COM1 to COM4: IO = –100 µA
VLCD – 0.9
V
VOH3
P1 to P8: IO = –1 mA
VLCD – 0.9
VOL1
S1 to S66: IO = 20 µA
0.9
Output low-level voltage
VOL2
COM1 to COM4: IO = 100 µA
0.9
V
VOL3
P1 to P8: IO = 1 mA
0.9
V
MID1
COM1 to COM4: 1/2 bias, I
O = ±100 µA
1/2 VLCD
1/2 VLCD +
0.9
0.9
V
MID2
S1 to S66: 1/3 bias, I
O = ±20 µA
2/3 VLCD
2/3 VLCD +
0.9
0.9
Output middle-level voltage*1
V
MID3
S1 to S66: 1/3 bias, I
O = ±20 µA
1/3 VLCD
1/3 VLCD +
V
0.9
0.9
V
MID4
COM1 to COM4: 1/3 bias, I
O = ±100 µA
2/3 VLCD
2/3 VLCD +
0.9
0.9
V
MID5
COM1 to COM4: 1/3 bias, I
O = ±100 µA
1/3 VLCD
1/3 VLCD +
0.9
0.9
Oscillator frequency
fOSC
OSC: ROSC = 43 kΩ, COSC = 680 pF
40
50
60
kHz
IDD1
VDD: Power-saving mode
5
IDD2
VDD: VDD = 6.0 V, outputs open, fOSC = 50 kHz
230
460
Current drain
ILCD1
VLCD: Power-saving mode
5
µA
ILCD2
VLCD: VLCD = 6.0 V, outputs open, 1/2 bias, fOSC = 50 kHz
200
400
ILCD3
VLCD: VLCD = 6.0 V, outputs open, 1/3 bias, fOSC = 50 kHz
120
240
Electrical Characteristics for the Allowable Operating Ranges
Figure 1
VLCD
VLCD1
VLCD2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
LC75842EGeneral-Purpose 1/2 Duty LCD Display Driver 1 2 3 4 5 MoreSanyo Semicon Device
LC75873NE1/3 Duty General-Purpose LCD Display Driver    1 2 3 4 5 MoreSanyo Semicon Device
NJU6854132COMMON x 132RGB LCD DRIVER FOR 65 536 - COLOR STN DISPLAY 1 2 3 4 5 MoreNew Japan Radio
LC75878E1/8 to 1/10 Duty General-Purpose LCD Display Drivers 1 2 3 4 5 MoreSanyo Semicon Device
LC75811E1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver 1 2 3 4 5 MoreSanyo Semicon Device
LC75814V1/4 Duty General-Purpose LCD Driver 1 2 3 4 5 MoreSanyo Semicon Device
LC75893M1/3 Duty LCD Display Driver with Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device
ICM7211AM4-Digit LCD Display Driver 1 2 3 4 5 MoreIntersil Corporation
LC75817E1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function 1 2 3 4 5 MoreSanyo Semicon Device
ICM7211A4-Digit LCD Display Driver 1 2 3 4 5 MoreIntersil Corporation

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl