Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78213 Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LC78213
Szczegółowy opis  Analog Function Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78213 Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LC78213 Datasheet HTML 1Page - Sanyo Semicon Device LC78213 Datasheet HTML 2Page - Sanyo Semicon Device LC78213 Datasheet HTML 3Page - Sanyo Semicon Device LC78213 Datasheet HTML 4Page - Sanyo Semicon Device LC78213 Datasheet HTML 5Page - Sanyo Semicon Device LC78213 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Pin Functions
Operation
1. Data Input Procedure
The LC78211, LC78212 and LC78213 are controlled by inputting specified data to the CL, DI and CE pins. The
input data consists of 12 bits, of which four bits are address and eight bits are data.
Bits correspond to the L1 to L8 and R1 to R8 analog switches, and a value of one turns the corresponding switch on,
and a value of zero turns it off.
0.........Off
1.........On
The address is used when the chip is connected to a shared bus. The data (address) that must be transmitted depends
on the S pin and the particular product as shown in the table below.
Note: The bit for switch eight in the LC78213 is a “don’t care” bit, that is it can be either 0 or 1 without affecting
chip function. This is because the LC78213 has two sets of seven (not eight) circuits.
No. 4817-5/6
LC78211, 78212, 78213
Pin
I/O
Internal equivalent circuit
Pin function
VDD, VSS, VEE
L1 to L8, R1 to R8,
LCOM1 to LCOM4,
RCOM1 to RCOM4
CL, DI, CE
S
RES
I
I
I
See the block diagram.
Power supply
Analog switch input and output
Serial data input (Schmitt buffer)
CL ..............Clock input
DI ...............Data input
CE .............Chip enable
Selection of one of two chips
The address is set to the values shown in the table below according to
the level input to the S pin.
Reset input
The states of the analog switches are undefined when power is first
applied. Setting this pin low will force all switches the off state.
Product
S pin
Address
level
A0
A1
A2
A3
LC78211
L
0
1
0
1
H
1
1
0
1
LC78212
L
0
0
1
1
H
1
0
1
1
LC78213
L
0
1
1
1
H
1
1
1
1
Product
S pin
Address
level
A0
A1
A2
A3
LC78211
L
0
1
0
1
H
1
1
0
1
LC78212
L
0
0
1
1
H
1
0
1
1
LC78213
L
0
1
1
1
H
1
1
1
1


Podobny numer części - LC78213

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC78213-E ONSEMI-LC78213-E Datasheet
194Kb / 6P
   Analog Function Switch
December, 2013
More results

Podobny opis - LC78213

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7824 SANYO-LC7824 Datasheet
94Kb / 5P
   Analog Function Switch
logo
New Japan Radio
NJU7313A NJRC-NJU7313A Datasheet
193Kb / 5P
   ANALOG FUNCTION SWITCH???
logo
Princeton Technology Co...
PT233 PTC-PT233 Datasheet
85Kb / 2P
   Analog Function Switch
logo
Sanyo Semicon Device
LC7821 SANYO-LC7821 Datasheet
134Kb / 6P
   Analog Function Switch
logo
New Japan Radio
NJU7311A NJRC-NJU7311A Datasheet
196Kb / 5P
   ANALOG FUNCTION SWITCH
logo
Toshiba Semiconductor
TC9152P TOSHIBA-TC9152P Datasheet
247Kb / 10P
   ANALOG FUNCTION SWITCH
1994-11-28
logo
New Japan Radio
NJU7312A NJRC-NJU7312A Datasheet
194Kb / 5P
   ANALOG FUNCTION SWITCH?
logo
ON Semiconductor
ENA4817A ONSEMI-ENA4817A Datasheet
194Kb / 6P
   Analog Function Switch
December, 2013
logo
Toshiba Semiconductor
TC9162AN TOSHIBA-TC9162AN Datasheet
401Kb / 12P
   HIGH VOLTAGE ANALOG FUNCTION SWITCH ARRAY
TC9208N TOSHIBA-TC9208N Datasheet
473Kb / 13P
   HIGH TENSION SUSTAINING ANALOG FUNCTION SWITCH
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com