Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78621E Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LC78621E
Szczegółowy opis  Compact Disc Player DSP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78621E Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LC78621E Datasheet HTML 4Page - Sanyo Semicon Device LC78621E Datasheet HTML 5Page - Sanyo Semicon Device LC78621E Datasheet HTML 6Page - Sanyo Semicon Device LC78621E Datasheet HTML 7Page - Sanyo Semicon Device LC78621E Datasheet HTML 8Page - Sanyo Semicon Device LC78621E Datasheet HTML 9Page - Sanyo Semicon Device LC78621E Datasheet HTML 10Page - Sanyo Semicon Device LC78621E Datasheet HTML 11Page - Sanyo Semicon Device LC78621E Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Continued from preceding page.
No. 5223-8/34
LC78621E
Pin No.
Symbol
I/O
Function
42
LRSY
O
Left/right clock output
43
CK2
O
Bit clock output
Inverted polarity clock output
ROMXA application
(after reset)
(during CK2CON mode)
44
ROMXA
O
output signals
Interpolation data output
ROM data output
(after reset)
(During ROMXA mode)
45
C2F
O
C2 flag output
46
MUTEL
O
Left channel mute output
47
LVDD
Left channel power supply.
48
LCHP
O
Left channel P output
49
LCHN
O
Left channel N output
50
LVSS
One-bit D/A converter
Left channel ground. Normally 0 V.
51
RVSS
Right channel ground. Normally 0 V.
52
RCHN
O
Right channel N output
53
RCHP
O
Right channel P output
54
RVDD
Right channel power supply.
55
MUTER
O
Right channel mute output
56
DOUT
O
Digital output
57
SBSY
O
Subcode block synchronization signal
58
EFLG
O
C1, C2, single and double error correction monitor pin
59
PW
O
Subcode P, Q, R, S, T, U, V and W output
60
SFSY
O
Subcode frame synchronization signal output. This signal falls when the subcodes are in the standby state.
61
SBCK
I
Subcode readout clock input. This is a Schmitt input. (Must be tied low when unused.)
62
FSX
O
Output for the 7.35 kHz synchronization signal divided from the crystal oscillator
63
WRQ
O
Subcode Q output standby output
64
RWC
I
Read/write control input. This is a Schmitt input.
65
SQOUT
O
Subcode Q output
66
COIN
I
Command input from the control microprocessor
67
CQCK
I
Input for both the command input acquisition clock and the SQOUT pin subcode readout clock input. This is a Schmitt input.
68
RES
I
Chip reset input. This pin must be set low briefly after power is first applied.
69
TST11
O
Test output. Leave open. (Normally outputs a low level.)
70
LASER
O
Laser on/off output. Controlled by serial data commands from the control microprocessor.
71
16M
O
16.9344 MHz output.
72
4.2M
O
4.2336 MHz output
73
CONT
O
Supplementary control output. Controlled by serial data commands from the control microprocessor.
74
TEST5
I
Test input. A pull-down resistor is built in.
75
CS
I
Chip select input. A pull-down resistor is built in.
76
XVSS
Crystal oscillator ground. Normally 0 V.
77
XIN
I
Connections for a 16.9344 MHz crystal oscillator.
78
XOUT
O
79
XVDD
Crystal oscillator power supply.
80
TEST1
I
Test input. A pull-down resistor is built in.


Podobny numer części - LC78621E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78625 SANYO-LC78625 Datasheet
440Kb / 35P
   Compact Disc Player DSP
More results

Podobny opis - LC78621E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com