Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78621E Arkusz danych(PDF) 11 Page - Sanyo Semicon Device

Numer części LC78621E
Szczegółowy opis  Compact Disc Player DSP
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78621E Arkusz danych(HTML) 11 Page - Sanyo Semicon Device

Back Button LC78621E Datasheet HTML 7Page - Sanyo Semicon Device LC78621E Datasheet HTML 8Page - Sanyo Semicon Device LC78621E Datasheet HTML 9Page - Sanyo Semicon Device LC78621E Datasheet HTML 10Page - Sanyo Semicon Device LC78621E Datasheet HTML 11Page - Sanyo Semicon Device LC78621E Datasheet HTML 12Page - Sanyo Semicon Device LC78621E Datasheet HTML 13Page - Sanyo Semicon Device LC78621E Datasheet HTML 14Page - Sanyo Semicon Device LC78621E Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
• Command noise rejection
This command reduces the noise on the CQCK clock signal. While this is effective for noise pulses shorter than
500 ns, the CQCK timings TWøL, TWøH, and tsetup (see page 4 and 5, figure 1 and 2), must be set for at least 1 µs.
6. Focus Servo Circuit; Pin 16: FOCS, pin 17: FST, pin 18: FZD, pin 70: LASER
The FOCS, FST, and FZD pins are not required when the LC78621E is used in combination with the LA9230M or
the LA9231M. FZD should be tied low when these pins are not used. The LA9230M and LA9231M focus start
command is identical to the LC78621E FOCUS START #1 command.
• NOTHING
This command can be used to initialize the LC78621E by inputting FE (hexadecimal). Note that 00 (hexadecimal)
is the reset command for the LA9230M and the LA9231M, and should be used with care since it clears the result
of the automatic adjustment process and returns these chips to their initial states.
• Laser control
The LASER pin can be use as an extended output port.
• Focus start
When the LC78621E is used in combination with the LA9230M or the LA9231M, the focus start operation is
executed completely on the servo side by commands form the control microprocessor. The following section
describes this operation when the LC78621E is used in combination with the LA9230M or the LA9231M.
When a focus start instruction (either FOCUS START #1 or FOCUS START #2) is input as a servo command,
first the charge on capacitor C1 is discharged by FST and the objective lens is lowered. Next, the capacitor is
charged by FOCS, and the lens is slowly raised. FZD falls when the lens reaches the focus point. When this signal
is received, FOCS is reset and the focus servo turns on. After sending the command, the microprocessor should
check the in-focus detection signal (the LA9210 DRF signal) to confirm focus before proceeding to the next part of
the program. If focus is not achieved by the time C1 is fully charged, the microprocessor should issue another
focus command and iterate the focus servo operation.
No. 5223-11/34
LC78621E
MSB
LSB
Command
RES = low
1 1 1 0 1 1 1 1
COMMAND INPUT NOISE REDUCTION MODE
1 1 1 0 1 1 1 0
RESET NOISE EXCLUSION MODE
q
q
MSB
LSB
Command
RES = low
0 0 0 0 1 0 0 0
FOCUS START #1
1 0 1 0 0 0 1 0
FOCUS START #2
0 0 0 0 1 0 1 0
LASER ON
1 0 0 0 1 0 1 0
LASER OFF
q
q
1 1 1 1 1 1 1 0
NOTHING


Podobny numer części - LC78621E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78625 SANYO-LC78625 Datasheet
440Kb / 35P
   Compact Disc Player DSP
More results

Podobny opis - LC78621E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com