Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78625 Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LC78625
Szczegółowy opis  Compact Disc Player DSP
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78625 Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LC78625 Datasheet HTML 4Page - Sanyo Semicon Device LC78625 Datasheet HTML 5Page - Sanyo Semicon Device LC78625 Datasheet HTML 6Page - Sanyo Semicon Device LC78625 Datasheet HTML 7Page - Sanyo Semicon Device LC78625 Datasheet HTML 8Page - Sanyo Semicon Device LC78625 Datasheet HTML 9Page - Sanyo Semicon Device LC78625 Datasheet HTML 10Page - Sanyo Semicon Device LC78625 Datasheet HTML 11Page - Sanyo Semicon Device LC78625 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Pin Functions
No. 5502-8/35
LC78625E
Pin No.
Symbol
I/O
Function
1
DEFI
I
Defect detection signal (DEF) input (This pin must be connected to 0 V if unused.)
2
TAI
I
Test input. A pull-down resistor is built in. (This pin must be connected to 0 V in normal operation.)
3
PDO
O
External VCO control phase comparator output
4
VVSS
PLL pins
Internal VCO ground. (This pin must be connected to 0 V.)
5
ISET
AI
PDO output current adjustment resistor connection
6
VVDD
Internal VCO power supply.
7
FR
AI
VCO frequency range adjustment
8
VSS
Digital system ground. (This pin must be connected to 0 V.)
9
EFMO
O
EFM signal inverted output
10
EFMO
O
Slice level control
EFM signal output
11
EFMIN
I
EFM signal input
12
TEST2
I
Test input. A pull-down resistor is built in. This pin must be connected to 0 V in normal operation.
13
CLV+
O
Spindle servo control output. Acceleration when CLV+ is high, deceleration when CLV- is high.
14
CLV–
O
Three-value output is also possible when specified by microprocessor command.
15
V/P
O
Rough servo/phase control automatic switching monitor output. Outputs a high level during rough servo and a low level during
phase control.
16
FOCS
O
Focus servo on/off output. Focus servo is on when the output is low.
17
FST
O
Focus start pulse output. This is an open-drain output.
18
FZD
I
Focus error zero cross signal input. (This pin must be connected to 0 V if unused.)
19
HFL
I
Track detection signal input. This is a Schmitt input.
20
TES
I
Tracking error signal input. This is a Schmitt input.
21
PCK
O
EFM data playback clock monitor. Outputs 4.3218 MHz when the phase is locked.
22
FSEQ
O
Synchronization signal detection output. Outputs a high level when the synchronization signal detected from the EFM signal and
the internally generated synchronization signal agree.
23
TOFF
O
Tracking off output
24
TGL
O
Tracking gain switching output. Increase the gain when low.
25
THLD
O
Tracking hold output
26
TEST3
I
Test input. A pull-down resistor is built in. (This pin must be connected to 0 V.)
27
VDD
Digital system power supply.
28
JP+
O
Track jump output. A high level output from JP+ indicates acceleration during an outward jump or deceleration during an inward
jump.
29
JP–
O
A high level output from JP- indicates acceleration during an inward jump or deceleration during an outward jump.
Three-value output is also possible when specified by microprocessor command.
30
DEMO
I
Sound output function input used for end product adjustment manufacturing steps. A pull-down resistor is built in. (This pin must
be connected to 0 V.)
31
TEST4
I
Test input. A pull-down resistor is built in. (This pin must be connected to 0 V.)
32
EMPH
O
De-emphasis monitor pin. A high level indicates playback of a de-emphasis disk.
33
LRCKO
O
Word clock output
34
DFORO
O
Digital filter outputs
Right channel data output
35
DFOLO
O
Left channel data output
36
DACKO
O
Bit clock output
37
TST10
O
Test output. Leave open. (Normally outputs a low level.)
Continued on next page.


Podobny numer części - LC78625

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
More results

Podobny opis - LC78625

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com