Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78711E Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC78711E
Szczegółowy opis  Graphics Display Processor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78711E Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC78711E Datasheet HTML 1Page - Sanyo Semicon Device LC78711E Datasheet HTML 2Page - Sanyo Semicon Device LC78711E Datasheet HTML 3Page - Sanyo Semicon Device LC78711E Datasheet HTML 4Page - Sanyo Semicon Device LC78711E Datasheet HTML 5Page - Sanyo Semicon Device LC78711E Datasheet HTML 6Page - Sanyo Semicon Device LC78711E Datasheet HTML 7Page - Sanyo Semicon Device LC78711E Datasheet HTML 8Page - Sanyo Semicon Device LC78711E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
No. 5476-3/43
LC78711E
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
AVDD1, DVDD1
4.5
5.0
5.5
V
TEST1, TEST2, TEST4, TEST5, TEST6, CE, DI, TEST7,
VIH1
CB, LINE, TEST9, TEST12, PALID, HRESET, VRESET,
0.7 VDD1
VDD1 + 0.3
V
Input high-level voltage
N/P1, N/P2, SON
VIH2
CL, INIT, RESET
0.8 VDD1
VDD1 + 0.3
V
VIH3
DB0 to DB3
2.2
VDD1 + 0.3
V
TEST1, TEST2, TEST4, TEST5, TEST6, CE, DI, TEST7,
VIL1
CB, LINE, TEST9, TEST12, PALID, HRESET, VRESET,
VSS1 – 0.3
0.3 VDD1
V
Input low-level voltage
N/P1, N/P2, SON
VIL2
CL, INIT, RESET
VSS1 – 0.3
0.2 VDD1
V
VIL3
DB0 to DB3
VSS1 – 0.3
0.8
V
FSCIN1
XIN1
14.31818
MHz
FSCIN2
XIN2
17.73447
MHz
Input frequency
FSCIN3
4FSC2: NTSC mode
14.31818
MHz
4FSC2: PAL mode
17.73447
MHz
FSCIN4
FSCIN: NTSC mode
3.57954
MHz
FSCIN: PAL mode
4.43361
MHz
Input amplitude
VIN1
FSCIN, 4FCS2
0.5
VDD1
Vp-p
VIN2
XIN1, XIN2
0.5
VDD1
Vp-p
Allowable Operating Ranges at Ta = –30 to +85°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
TEST1, TEST2, TEST4, TEST5, TEST6, CE, DI, CL,
Input high-level current
IIH1
TEST7, DB0 to DB3, LINE, PALID, HRESET, VRESET,
5
µA
INIT, RESET, N/P1, N/P2, SON: VIN = DVDD1
IIH2
CB, TEST9, TEST12: VIN = DVDD1
30
100
200
µA
TEST1, TEST2, TEST4, TEST5, TEST6, CE, DI, CL,
IIL1
TEST7, DB0 to DB3, CB, LINE, TEST9, TEST12,
–5
µA
Input low-level current
HRESET, VRESET, INIT, RESET, N/P1, N/P2, SON:
VIN = DVSS1
IIL2
PALID: VIN = DVSS1
–200
–100
–30
µA
TEST3, DO, PSC1, PSC2, WAIT, INT, BFP, WE, RAS,
Output high-level voltage
VOH
A0 to A7, CAS, OE, DB0 to DB3, TEST8, VSYNC, YS,
VDD1 – 1
VDD1
V
CSYNC, TEST10, TEST11, FSCO: IOH = –0.5 mA
TEST3, DO, PSC1, PSC2, WAIT, INT, BFP, WE, RAS,
Output low-level voltage
VOL
A0 to A7, CAS, OE, DB0 to DB3, TEST8, VSYNC, YS,
VSS
0.4
V
CSYNC, TEST10, TEST11, FSCO: IOL = 2.0 mA
Output off leakage current
IOFF
DB0 to DB3
–5
+5
µA
Internal feedback resistance
RX
XIN1, XIN2, FSCIN, 4FSC2
1
M
Clock duty
fduty
FSCIN, 4FSC2
40
60
%
8-bit D/A converter reference
VREF
VIDEO1, VIDEO2
2.30
2.50
V
voltage
8-bit D/A converter output
RDA
VIDEO1, VIDEO2
300
resistance
Operating current drain
IDD1
AVDD1
26
40
mA
IDD2
DVDD1
26
40
mA
Electrical Characteristics at Ta = –30 to +85°C, DVDD1 = AVDD1 = 5 V unless otherwise specified.


Podobny numer części - LC78711E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
   CD Graphics Decoder
LC7871NE SANYO-LC7871NE Datasheet
427Kb / 19P
   CD Graphics Decoder
More results

Podobny opis - LC78711E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A Datasheet
1Mb / 92P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI1-SMJ34020A_16 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
DIABLO16 ETC2-DIABLO16 Datasheet
2Mb / 33P
   Embedded Graphics Processor
logo
Texas Instruments
TMS34010FNL-40 TI1-TMS34010FNL-40 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
List of Unclassifed Man...
GOLDELOX ETC-GOLDELOX Datasheet
4Mb / 25P
   Embedded Graphics Processor
logo
Texas Instruments
SMJ34020A TI-SMJ34020A_06 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020APCM40 TI-SM34020APCM40 Datasheet
1Mb / 89P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com