Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78711 Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LC78711
Szczegółowy opis  Graphics Display Processor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78711 Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LC78711 Datasheet HTML 1Page - Sanyo Semicon Device LC78711 Datasheet HTML 2Page - Sanyo Semicon Device LC78711 Datasheet HTML 3Page - Sanyo Semicon Device LC78711 Datasheet HTML 4Page - Sanyo Semicon Device LC78711 Datasheet HTML 5Page - Sanyo Semicon Device LC78711 Datasheet HTML 6Page - Sanyo Semicon Device LC78711 Datasheet HTML 7Page - Sanyo Semicon Device LC78711 Datasheet HTML 8Page - Sanyo Semicon Device LC78711 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
No. 5476-5/43
LC78711E
Basic Specifications
Pin no.
Pin
Pin type
I/O
Polarity
Pin function
1
TEST1
Test input
I
Positive
Test input. Must be connected to ground during normal operation.
2
TEST2
Test input
I
Positive
Test input. Must be connected to ground during normal operation.
3
TEST3
Test output
O
Positive
Test output
4
TEST4
Test input
I
Positive
Test input. Must be connected to ground during normal operation.
5
TEST5
Test input
I
Positive
Test input. Must be connected to ground during normal operation.
6
TEST6
Test input
I
Positive
Test input. Must be connected to ground during normal operation.
7
DVDD1
Power supply (+5 V)
Digital system power supply
8
CE
Enable input
I
Positive
Serial I/O data control input
9
DO
Data output
O
Positive
Serial data output
10
DI
Data input
I
Positive
Serial data input
11
CL
Clock input
I
Positive
Serial data I/O clock input
12
PSC1
Monitor 1 output
O
Positive
Serial input monitor signal output
13
PSC2
Monitor 2 output
O
Positive
Command monitor signal output
14
WAIT
Wait signal output
O
Negative
Serial input wait signal output (for use with bit maps)
15
INT
Wait signal output
O
Negative
Serial input wait signal output (for use with the sprite function)
16
TEST7
Test input
I
Positive
Test input. Must be connected to ground during normal operation.
17
DVSS1
Ground
Digital system ground
18
WE
DRAM output
O
Negative
DRAM write enable signal output
19
RAS
DRAM output
O
Negative
DRAM row address strobe signal output
20
A0
DRAM output
I/O
Positive
DRAM address (A0) output (Functions as an input in test mode.)
21
A1
DRAM output
I/O
Positive
DRAM address (A1) output (Functions as an input in test mode.)
22
A2
DRAM output
I/O
Positive
DRAM address (A2) output (Functions as an input in test mode.)
23
A3
DRAM output
I/O
Positive
DRAM address (A3) output (Functions as an input in test mode.)
24
A4
DRAM output
I/O
Positive
DRAM address (A4) output (Functions as an input in test mode.)
25
A5
DRAM output
I/O
Positive
DRAM address (A5) output (Functions as an input in test mode.)
26
A6
DRAM output
I/O
Positive
DRAM address (A6) output (Functions as an input in test mode.)
27
A7
DRAM output
I/O
Positive
DRAM address (A7) output (Functions as an input in test mode.)
28
DB0
DRAM input and output
I/O
Positive
DRAM data (D0) input and output
29
CAS
DRAM output
O
Negative
DRAM column address strobe signal output
30
DB1
DRAM input and output
I/O
Positive
DRAM data (D1) input and output
31
OE
DRAM output
O
Negative
DRAM read enable signal output
32
DB2
DRAM input and output
I/O
Positive
DRAM data (D2) input and output
33
DB3
DRAM input and output
I/O
Positive
DRAM data (D3) input and output
34
CB
Color bar selection
I
Positive
Low: normal mode, high: color bar output
(A pull-down resistor is built in.)
35
TEST8
Test output
O
Positive
Test output
36
AVSS1
Ground
Analog system ground
37
AVDD1
Power supply (+5 V)
Analog system power supply
38
VIDEO1
Video signal (Y) output
O
Video (luminance) signal (analog) output (D/A converter output)
39
BIAS
Capacitor connection
O
Connections for a ripple exclusion capacitor
40
VIDEO2
Video signal (C) output
O
Video (chrominance) signal (analog) output (D/A converter output)
41
BFP
Burst flag signal output
O
Positive
Burst signal output timing flag output
Line count selection
42
LINE
Line count selection
I
NTSC mode - Low: 263H, high: 262H
PAL mode - Low: 314H, high: 312H
43
FSCIN
Clock input
I
Positive
Superimpose subcarrier clock input (A feedback resistor is built in.)
44
VSYNC
Vertical synchronization output
O
Negative
Vertical synchronizing signal output
45
TEST9
Test input
I
Positive
Test input. Must be connected to ground during normal operation.
(A pull-down resistor is built in.)
46
YS
Superimpose output
O
Negative
Superimpose control output
47
CSYNC
Composite synchronization output
O
Negative
Composite synchronizing signal output
48
4FSC2
Clock input
I
Positive
External clock input for the superimpose function
(A feedback resistor is built in.)
49
TEST10
Test output
O
Positive
Test output
50
TEST11
Test output
O
Positive
Test output
Continued on next page.


Podobny numer części - LC78711

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7871E SANYO-LC7871E Datasheet
427Kb / 19P
   CD Graphics Decoder
LC7871NE SANYO-LC7871NE Datasheet
427Kb / 19P
   CD Graphics Decoder
More results

Podobny opis - LC78711

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A Datasheet
1Mb / 92P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI1-SMJ34020A_16 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
DIABLO16 ETC2-DIABLO16 Datasheet
2Mb / 33P
   Embedded Graphics Processor
logo
Texas Instruments
TMS34010FNL-40 TI1-TMS34010FNL-40 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
List of Unclassifed Man...
GOLDELOX ETC-GOLDELOX Datasheet
4Mb / 25P
   Embedded Graphics Processor
logo
Texas Instruments
SMJ34020A TI-SMJ34020A_06 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020APCM40 TI-SM34020APCM40 Datasheet
1Mb / 89P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com