Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78833M Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC78833M
Szczegółowy opis  Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78833M Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC78833M Datasheet HTML 1Page - Sanyo Semicon Device LC78833M Datasheet HTML 2Page - Sanyo Semicon Device LC78833M Datasheet HTML 3Page - Sanyo Semicon Device LC78833M Datasheet HTML 4Page - Sanyo Semicon Device LC78833M Datasheet HTML 5Page - Sanyo Semicon Device LC78833M Datasheet HTML 6Page - Sanyo Semicon Device LC78833M Datasheet HTML 7Page - Sanyo Semicon Device LC78833M Datasheet HTML 8Page - Sanyo Semicon Device LC78833M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Block Diagram
DC characteristics at Ta = –30 to 75°C, VDD = 3.0 to 5.5 V, VSS = 0 V
Note: * Pins in parentheses apply to the LC78833V.
AC Characteristics at Ta = –30 to 75°C, VDD = 3.0 to 5.5 V, VSS = 0 V
No. 5212-3/11
LC78833M, 78833V
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high-level voltage (1)
VIH1
Pins 5, 6, 7, 12, 13, and 14 (pins 6, 7, 8, 14, 16, and 17)*
2.2
V
Input low-level voltage (1)
VIL1
Pins 5, 6, 7, 12, 13, and 14 (pins 6, 7, 8, 14, 16, and 17)*
0.8
V
Input high-level voltage (2)
VIH2
Pin 8 (pin 9)*
0.7 VDD
V
Input low-level voltage (2)
VIL2
Pin 8 (pin 9)*
0.3 VDD
V
Output high-level voltage
VOH
Pin 9 (pin 11)*: IOH = –3 mA
2.4
V
Output low-level voltage
VOL
Pin 9 (pin 11)*: IOL = 3 mA
0.4
V
Input leakage current
IL
Pins 5, 6, 7, 8, 12, 13, and 14
–25
+25
µA
(pins 6, 7, 8, 9, 14, 16, and 17)*: VI = VSS, VDD
Parameter
Symbol
Conditions
min
typ
max
Unit
Clock pulse width
tCW
25
ns
Clock pulse period
tCY
50
1000
ns
BCLK pulse width
tBCW
60
ns
BCLK pulse period
tBCY
120
ns
Data setup time
tDS
40
ns
Data hold time
tDH
40
ns
LRCK setup time
tLRS
40
ns
LRCK hold time
tLRH
40
ns
BCLK rise time
tBr
40
ns
BCLK fall time
tBf
40
ns
SYSCLK rise time
tSr
20
ns
SYSCLK fall time
tSf
20
ns


Podobny numer części - LC78833M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7883 SANYO-LC7883 Datasheet
313Kb / 9P
   LC7883M
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78834M SANYO-LC78834M Datasheet
243Kb / 13P
   Stereo 18-bit Digital Audio D/A Converter with On-Chip 4 fs Digital Filters?
LC78835 SANYO-LC78835 Datasheet
400Kb / 14P
   18 Bits Digital Filter and D/A Converter for Digital Audio
LC78835K SANYO-LC78835K Datasheet
400Kb / 14P
   18 Bits Digital Filter and D/A Converter for Digital Audio
More results

Podobny opis - LC78833M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78836M SANYO-LC78836M Datasheet
348Kb / 12P
   Digital Audio 16-Bit D/A Converter with On-Chip Digital Filters?
logo
NEC
UPD63210 NEC-UPD63210 Datasheet
141Kb / 18P
   16-BIT D/A CONVERTER WITH BUILT-IN DIGITAL FILTER FOR AUDIO
logo
Nippon Precision Circui...
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
LC78857V SANYO-LC78857V Datasheet
199Kb / 11P
   Digital Audio D/A Converter IC with On-Chip Digital Filters
LC78832M SANYO-LC78832M Datasheet
177Kb / 8P
   16-Bit D/A Converter LSI with On-Chip Digital Filters
LC78816MB SANYO-LC78816MB Datasheet
276Kb / 11P
   16-Bit D/A Converter for Use in Digital Audio Products
logo
Cirrus Logic
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
logo
Sanyo Semicon Device
LC78834M SANYO-LC78834M Datasheet
243Kb / 13P
   Stereo 18-bit Digital Audio D/A Converter with On-Chip 4 fs Digital Filters?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com