Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78856M Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LC78856M
Szczegółowy opis  Built-in Digital Filter D/A Converters for Digital Audio
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78856M Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

  LC78856M Datasheet HTML 1Page - Sanyo Semicon Device LC78856M Datasheet HTML 2Page - Sanyo Semicon Device LC78856M Datasheet HTML 3Page - Sanyo Semicon Device LC78856M Datasheet HTML 4Page - Sanyo Semicon Device LC78856M Datasheet HTML 5Page - Sanyo Semicon Device LC78856M Datasheet HTML 6Page - Sanyo Semicon Device LC78856M Datasheet HTML 7Page - Sanyo Semicon Device LC78856M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3. One-Bit D/A Converter Block
The 1-bit D/A converter accepts 8fs data input and outputs a 384fs 1-bit data stream.
LC78856M/V Inputs
1. Input Data Format
• Format 1 (MODE = high)
• Format 2 (MODE = low)
2. Control Signals (CNT1 to CNT3)
3. Initialization
The LC78856M and LC78856V requires initialization when power is first applied and when settings are changed.
The LC78856M and LC78856V is initialized by setting the RSTB pin low. The length of the low-level period must
extend 1 µs beyond the point where the XIN input is applied. When RSTB is low, all digital filter and noise shaper
internal data is set to 0, and the D/A converter outputs an analog 0.
No. 5128-6/8
LC78856M, 78856V
Symbol
Function
L
H
CNT1
Emphasis switching
Off
On
CNT2
Standard speed/double speed
Standard speed
Double speed
CNT3
Soft mute
Off
On


Podobny numer części - LC78856M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78850 SANYO-LC78850 Datasheet
166Kb / 8P
   Two-channel,16- and 18-bit D/A Converters for Digital Audio
LC78850Q SANYO-LC78850Q Datasheet
166Kb / 8P
   Two-channel,16- and 18-bit D/A Converters for Digital Audio
LC78855 SANYO-LC78855 Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
LC78857V SANYO-LC78857V Datasheet
199Kb / 11P
   Digital Audio D/A Converter IC with On-Chip Digital Filters
More results

Podobny opis - LC78856M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD63210 NEC-UPD63210 Datasheet
141Kb / 18P
   16-BIT D/A CONVERTER WITH BUILT-IN DIGITAL FILTER FOR AUDIO
logo
Sanyo Semicon Device
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
logo
Nippon Precision Circui...
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
logo
Sanyo Semicon Device
LC78833M SANYO-LC78833M Datasheet
295Kb / 11P
   Digital Audio 16-Bit D/A Converter with Built-In Digital Filters
logo
Cirrus Logic
CS5336 CIRRUS-CS5336 Datasheet
681Kb / 34P
   16-Bit, Stereo A/D Converters for Digital Audio
logo
Sanyo Semicon Device
LC8390M SANYO-LC8390M Datasheet
227Kb / 11P
   16bits A/D and D/A Converters for Digital Audio Systems
logo
Cirrus Logic
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
   16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
logo
Sanyo Semicon Device
LC78835K SANYO-LC78835K Datasheet
400Kb / 14P
   18 Bits Digital Filter and D/A Converter for Digital Audio
LC7883K SANYO-LC7883K Datasheet
205Kb / 10P
   16-bit Digital Filter and Digital-to-analog Converters for Digital Audio
logo
Cirrus Logic
CS5326 CIRRUS-CS5326 Datasheet
688Kb / 19P
   16 & 18-Bit, Stereo A/D Converters for Digital Audio
MAR 92
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com