Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

T-1100 Arkusz danych(PDF) 1 Page - Vectron International, Inc

Numer części T-1100
Szczegółowy opis  Miniature TCXOs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VECTRON [Vectron International, Inc]
Strona internetowa  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

T-1100 Arkusz danych(HTML) 1 Page - Vectron International, Inc

  T-1100 Datasheet HTML 1Page - Vectron International, Inc T-1100 Datasheet HTML 2Page - Vectron International, Inc T-1100 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Jump to PDF Datasheets
Products > TCXOs > T-1100, T-1150 Series
T-1100, T-1150 Series
Miniature TCXOs
Features
l
Low profile design
l
Low current
l 5.0 VDC and 3.3 VDC options
l
Voltage tune option
l
Low cost
l
Many parts in stock
SPECIFICATIONS
Frequency Range
8.0 MHz to 24.0 MHz
Standard Frequencies 9.6MHz, 10MHz, 12.8MHz, 15.36MHz
Stability Options
1 = ±1.5 PPM
2 = ±2.5 PPM
3 = ±3.5 PPM
-30°C to +70°C
relative to +25°C
Stability vs. Supply
<±0.3 PPM for a change in B+ of <±5%
Aging
< 1.0 PPM/Year after 30 days at +40°C
Mechanical Trim
±3.0 PPM Minimum, sufficient for 5 years aging
Storage Temperature
-40°C to +80°C
Input Voltage
A = +5.0 VDC ±5%
B = +3.0 VDC ±5%
T-1150 +5.0 VDC
+3.0 VDC
Output
1.0 V P-P
0.8 V P-P
Current <2.0 mA
<1.0 mA
Load
10 K /10pf 10 K /10pf
T-1100 +5.0 VDC
+3.0 VDC
Logic "1" 4.5V Min.
2.6V Min.
Logic "0" 0.4V Max.
0.4V Max.
Current
10 mA Max. 5 mA Max.
Page 1 of 3
Vectron Products - Miniature TCXOs - T-1100, T-1150 Series
8/26/2003
file://P:\Web%20Development\vectron.web\products\tcxo\t1100t1150.htm


Podobny numer części - T-1100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
T-1100 ETC-T-1100 Datasheet
105Kb / 3P
   Miniature TCXOs
More results

Podobny opis - T-1100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
VTB1 VECTRON-VTB1 Datasheet
152Kb / 2P
   Miniature TCXOs
logo
List of Unclassifed Man...
T1100 ETC-T1100 Datasheet
105Kb / 3P
   Miniature TCXOs
VTB2 ETC1-VTB2 Datasheet
958Kb / 2P
   Miniature TCXOs
logo
Vectron International, ...
VTA1 VECTRON-VTA1 Datasheet
271Kb / 2P
   VTA1 Miniature TCXOs
VTA2 VECTRON-VTA2 Datasheet
165Kb / 2P
   VTA2 Miniature TCXOs
VTB2-XXX VECTRON-VTB2-XXX Datasheet
960Kb / 2P
   VTB2-XXX Miniature TCXOs
TC140 VECTRON-TC140 Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
B-8 VECTRON-B-8 Datasheet
249Kb / 3P
   Dual-In-Line Package (DIP) TCXOs
TC-350 VECTRON-TC-350 Datasheet
763Kb / 6P
   Low Profile TCXOs Temperature Compensated Crystal Oscillators
logo
Advanced Crystal Techno...
ACT381T ACT-ACT381T Datasheet
92Kb / 1P
   ange of four and six pad TCXOs and VCTCXOs
15/11/05
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com