Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC7958 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LC7958
Szczegółowy opis  64-Bit LED Driver for 300 dpi Printers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7958 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LC7958 Datasheet HTML 1Page - Sanyo Semicon Device LC7958 Datasheet HTML 2Page - Sanyo Semicon Device LC7958 Datasheet HTML 3Page - Sanyo Semicon Device LC7958 Datasheet HTML 4Page - Sanyo Semicon Device LC7958 Datasheet HTML 5Page - Sanyo Semicon Device LC7958 Datasheet HTML 6Page - Sanyo Semicon Device LC7958 Datasheet HTML 7Page - Sanyo Semicon Device LC7958 Datasheet HTML 8Page - Sanyo Semicon Device LC7958 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
42800RM6585-1/11
Preliminary
Overview
LC7958NC is a 64-bit constant current LED driver IC
designed to directly drive LED head array.
The output terminals for LED drive are arranged in
2-row staggered position of 80-
µm pitch at one side. It
enables drive of LED Array of 300-dpi in one side
disposition, 600dpi in both sides disposition
Features and Functions
• Logic voltage (VDD): +5 V ± 10 %
• LED drive current (IOH): 5.0 mA (TYP)
• Clock frequency (fc): 10 MHz
• Output current control circuit built in
• Mode switching function by the SEL pin
• Chip size: 1.43 mm × 5.39 mm
• Number of pads: 86
• 64-bit shift register circuit
• 64-bit latch circuit
• Output driver on/off switching function
• Constant current circuit
• 64-bit p-channel open drain LED driver
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
LC7958NC
64-Bit LED Driver for 300 dpi Printers
CMOS IC
Ordering number: ENN*6585


Podobny numer części - LC7958

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
LC790Z SEOUL-LC790Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC791 SEOUL-LC791 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Podobny opis - LC7958

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silan Microelectronics ...
SC16426 SILAN-SC16426 Datasheet
584Kb / 6P
   64-BIT LED STATIC DRIVER
logo
Rohm
BD64550EFV ROHM-BD64550EFV_1 Datasheet
403Kb / 17P
   System Driver for Ink Jet Printers
logo
Seiko Instruments Inc
S-4611A SII-S-4611A Datasheet
279Kb / 4P
   64-bit THERMAL HEAD DRIVER
S-4620A SII-S-4620A Datasheet
273Kb / 4P
   64-bit THERMAL HEAD DRIVER
S-4630A SII-S-4630A Datasheet
266Kb / 4P
   64-bit THERMAL HEAD DRIVER
logo
NEC
UPD16344 NEC-UPD16344 Datasheet
96Kb / 16P
   64-BIT AC-PDP DRIVER
logo
Seiko Instruments Inc
S-4610A SII-S-4610A Datasheet
284Kb / 4P
   64-bit THERMAL HEAD DRIVER
logo
Integral Corp.
IND16337 INTEGRAL-IND16337 Datasheet
324Kb / 9P
   64-BIT AC-PDP DRIVER
logo
NEC
UPD16337 NEC-UPD16337 Datasheet
102Kb / 16P
   64-BIT AC-PDP DRIVER
logo
Seiko Instruments Inc
S-4640A SII-S-4640A Datasheet
289Kb / 5P
   64-bit THERMAL HEAD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com