Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC7972VA Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LC7972VA
Szczegółowy opis  CMOS Operational Amplifier with Programmable Offset Correction Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7972VA Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LC7972VA Datasheet HTML 1Page - Sanyo Semicon Device LC7972VA Datasheet HTML 2Page - Sanyo Semicon Device LC7972VA Datasheet HTML 3Page - Sanyo Semicon Device LC7972VA Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pin Assignment
No. 5682-2/4
LC7972VA, 7972VB
Pin Functions
Pin
Function
No.
Symbol
1
DVDD
Digital system power supply. Normally connected to +5 V.
2
EXT
Must be tied low.
3
CLKC
Must be tied low.
4
OP2ON
Operational amplifier 2 operation control
5
OFST2
Operational amplifier 2 mode control
6
OP1ON
Operational amplifier 1 operation control
7
OFST1
Operational amplifier 1 mode control
8
TGO
Operational amplifier 1 VSS/small voltage output
9
OP1I
Operational amplifier 1 input
10
OP1O
Operational amplifier 1 output
11
OP2O
Operational amplifier 2 output
12
OP2I
Operational amplifier 2 input
13
TGI
Small voltage input common to operational amplifiers 1 and 2
14
AVSSM
Operational amplifier power supply minus voltage generation
15
AVDD
Analog system power supply. Normally connected to +5 V.
16
AVSSP
Operational amplifier power supply external Zener diode connection
17
AVSS
Analog system ground. Must be connected to 0 V.
18
CUP2
Operational amplifier power supply external capacitor connection 2
19
CUP1
Operational amplifier power supply external capacitor connection 1
20
DVSS
Digital system ground. Must be connected to 0 V.


Podobny numer części - LC7972VA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
LC790Z SEOUL-LC790Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC791 SEOUL-LC791 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC791 SEOUL-LC791 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Podobny opis - LC7972VA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IC-Haus GmbH
IC-TW4 ICHAUS-IC-TW4 Datasheet
304Kb / 14P
   PROGRAMMABLE INTERPOLATOR WITH AUTOMATIC OFFSET CORRECTION
logo
Seiko Instruments Inc
S-19611AB0H-K8T2U SII-S-19611AB0H-K8T2U Datasheet
1Mb / 20P
   LOW INPUT OFFSET VOLTAGE CMOS OPERATIONAL AMPLIFIER
logo
Rohm
LMR1802G-LB ROHM-LMR1802G-LB Datasheet
1Mb / 23P
   Low Noise, Low Input Offset Voltage CMOS Operational Amplifier
logo
STMicroelectronics
TS271 STMICROELECTRONICS-TS271 Datasheet
163Kb / 15P
   CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
TS271 STMICROELECTRONICS-TS271_05 Datasheet
607Kb / 17P
   CMOS Programmable Low Power Single Operational Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP07 AD-OP07_15 Datasheet
239Kb / 16P
   Ultralow Offset Voltage Operational Amplifier
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
   Low Offset RRO Operational Amplifier
logo
Guangdong Youtai Semico...
OP07 UMW-OP07 Datasheet
697Kb / 5P
   Low offset single operational amplifier
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com