Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CZSH10-40CN Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części CZSH10-40CN
Szczegółowy opis  SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 10 AMP, 40 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZSH10-40CN Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  CZSH10-40CN_10 Datasheet HTML 1Page - Central Semiconductor Corp CZSH10-40CN_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZSH10-40CN
SURFACE MOUNT
DUAL, COMMON CATHODE SILICON
SCHOTTKY POWER RECTIFIER
10 AMP, 40 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZSH10-40CN is
a dual common cathode 10 Amp surface mount silicon
Schottky rectifier package in a SOT-223C case. The
new SOT-223C case has a cut center lead for optional
mounting pad connection of the two anodes for use
as a single 10 Amp device. This device has been
designed for use in all types of commercial, industrial,
entertainment, computer and automotive applications,
which require a high current device.
MARKING: CZSH10-40C
SOT-223C CASE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
DC Blocking Voltage
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Forward Current (TA=75°C)
IO
10
A
Peak Forward Surge Current, tp=8.3ms
IFSM
125
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=40V
3.0
mA
IR
VR=40V, TA=100°C
20
mA
VF
IF=5.0A
0.55
V
VF*
IF=10A
0.60
V
* With pin 1 and pin 3 connected together.
R3 (8-October 2010)
www.centra lsemi.com


Podobny numer części - CZSH10-40CN_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZSH10-40CN CENTRAL-CZSH10-40CN_15 Datasheet
471Kb / 2P
   SCHOTTKY POWER RECTIFIER
More results

Podobny opis - CZSH10-40CN_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZSH10-40CN CENTRAL-CZSH10-40CN Datasheet
89Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 10 AMP, 40 VOLTS
CZSH10-40C CENTRAL-CZSH10-40C Datasheet
368Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 10 AMP
CZSH5-40C CENTRAL-CZSH5-40C Datasheet
368Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 5 AMP
CZSH6-100C CENTRAL-CZSH6-100C Datasheet
368Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 6 AMP
CSHDD16-40C CENTRAL-CSHDD16-40C_12 Datasheet
550Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 16 AMP, 40 THRU 200 VOLTS
logo
Microsemi Corporation
1N6842U3 MICROSEMI-1N6842U3 Datasheet
70Kb / 2P
   60 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
1N6843CCU3 MICROSEMI-1N6843CCU3 Datasheet
73Kb / 3P
   100 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
1N6843 MICROSEMI-1N6843 Datasheet
209Kb / 2P
   100 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
1N6842 MICROSEMI-1N6842 Datasheet
209Kb / 2P
   60 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
logo
Central Semiconductor C...
CSHD6-40C CENTRAL-CSHD6-40C_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON DUAL, COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com