Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CZT751 Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części CZT751
Szczegółowy opis  SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT751 Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  CZT751_10 Datasheet HTML 1Page - Central Semiconductor Corp CZT751_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZT751
SURFACE MOUNT
HIGH CURRENT
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT751 type is a
PNP Silicon Transistor manufactured by the epitaxial
planar process, epoxy molded in a surface mount
package, designed for high current applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
2.0
A
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=80V
100
nA
IEBO
VEB=4.0V
100
nA
BVCBO
IC=100µA
80
V
BVCEO
IC=10mA
60
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=1.0A, IB=100mA
0.3
V
VCE(SAT)
IC=2.0A, IB=200mA
0.5
V
VBE(SAT)
IC=1.0A, IB=100mA
1.2
V
VBE(ON)
VCE=2.0V, IC=1.0A
1.0
V
hFE
VCE=2.0V, IC=50mA
75
hFE
VCE=2.0V, IC=500mA
75
hFE
VCE=2.0V, IC=1.0A
75
hFE
VCE=2.0V, IC=2.0A
40
fT
VCE=5.0V, IC=50mA, f=100MHz
75
MHz
SOT-223 CASE
SOT-223 CASE
R4 (1-March 2010)
www.centra lsemi.com


Podobny numer części - CZT751_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
More results

Podobny opis - CZT751_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
   High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT955 CENTRAL-CZT955_15 Datasheet
979Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
CZT751 CENTRAL-CZT751 Datasheet
73Kb / 2P
   SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR
CTLT953-M833S CENTRAL-CTLT953-M833S Datasheet
723Kb / 4P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
R0 8-August 2012
CXT953 CENTRAL-CXT953 Datasheet
89Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CZT953 CENTRAL-CZT953 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CTLT953-M833 CENTRAL-CTLT953-M833 Datasheet
602Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT953 CENTRAL-CZT953_10 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CXT953 CENTRAL-CXT953_10 Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com