Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW513 Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części FW513
Szczegółowy opis  MOSFET : N-Channel Silicon MOSFET FRD : Ultrahigh-Speed Switching Diode Switching Device Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW513 Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  FW513 Datasheet HTML 1Page - Sanyo Semicon Device FW513 Datasheet HTML 2Page - Sanyo Semicon Device FW513 Datasheet HTML 3Page - Sanyo Semicon Device FW513 Datasheet HTML 4Page - Sanyo Semicon Device FW513 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FW513
No. A1870-4/5
VGS -- Qg
Total Gate Charge, Qg -- nC
A S O
Drain-to-Source Voltage, VDS -- V
Ambient Temperature, Ta --
°C
PD -- Ta
IF -- VF
IFSM -- t
Time, t -- s
Cj -- VR
Reverse Voltage, VR -- V
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
IR -- VR
0
1.2
0.4
0.8
1.0
0.2
0.6
1.4
0.001
0.01
0.1
1.0
10
IT15497
0.1
1.0
22
10
2
2
10
1.0
3
5
7
5
3
f=100kHz
IT15499
100
2
3
57
3
57
3
57
200
0
600
IT15498
100
10
0.1
1.0
0.01
0.001
500
100
300
400
125
°C
Ta=150
°C
100
°C
75
°C
50
°C
25
°C
7 0.01
23
7 0.1
0
52
2
3
37 1.0
5
12
14
8
4
10
6
2
IT15500
[MOSFET]
[MOSFET]
[MOSFET]
[FRD]
[FRD]
[FRD]
[FRD]
IT16075
IT16055
01
2
3
6
5
49
8
7
0
2
4
8
12
6
10
14
16
VDS=300V
ID=0.35A
0.001
0.01
2
3
5
7
0.1
2
3
5
7
2
3
5
7
2
3
5
7
1.0
0.1
10
23 5
5 7
2
100
1000
3
1.0
72 3
5 72 3
7
5
10
IDP=1.4A (PW≤10μs)
ID=0.35A
Operation in
this area is
limited by RDS(on).
100
μs
1ms
10ms
100ms
DC
operation
IT16076
0
0
20
40
0.4
0.6
60
80
100
120
140
160
1.0
1.6
1.5
1.2
1.4
0.2
0.8
1.8
When mounted on ceramic substrate (1000mm2
×0.8mm) 1unit
Ta=25
°C
Single pulse
When mounted on ceramic substrate (1000mm2
×0.8mm) 1unit


Podobny numer części - FW513

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
FW5-120X120T2900 KEMET-FW5-120X120T2900 Datasheet
220Kb / 1P
   KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
FW5-240X240T2900 KEMET-FW5-240X240T2900 Datasheet
220Kb / 1P
   KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
FW5-240X80T2900 KEMET-FW5-240X80T2900 Datasheet
217Kb / 1P
   KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
FW5-80X80T2900 KEMET-FW5-80X80T2900 Datasheet
220Kb / 1P
   KEMET, FW5, Flex Suppressors, Noise Suppression
3/09/2023
logo
List of Unclassifed Man...
FW50 ETC1-FW50 Datasheet
57Kb / 1P
   50 Watt AC Adapter
More results

Podobny opis - FW513

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
ECH8401 SANYO-ECH8401 Datasheet
45Kb / 4P
   N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
FW250 SANYO-FW250 Datasheet
30Kb / 4P
   N-Channl Silicon MOSFET Ultrahigh-Speed Switching Applications
CPH3318 SANYO-CPH3318 Datasheet
46Kb / 4P
   P-Channel Silicon MOSFET(Ultrahigh-Speed Switching Applications)
3LP02M SANYO-3LP02M Datasheet
56Kb / 4P
   P-Channel Silicon MOSFET (Ultrahigh-Speed Switching Applications)
5LP01N SANYO-5LP01N Datasheet
44Kb / 4P
   P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com