Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC749402PT Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LC749402PT
Szczegółowy opis  CMOS IC Silicon gate LCD Picture Quality Improvement IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749402PT Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LC749402PT Datasheet HTML 1Page - Sanyo Semicon Device LC749402PT Datasheet HTML 2Page - Sanyo Semicon Device LC749402PT Datasheet HTML 3Page - Sanyo Semicon Device LC749402PT Datasheet HTML 4Page - Sanyo Semicon Device LC749402PT Datasheet HTML 5Page - Sanyo Semicon Device LC749402PT Datasheet HTML 6Page - Sanyo Semicon Device LC749402PT Datasheet HTML 7Page - Sanyo Semicon Device LC749402PT Datasheet HTML 8Page - Sanyo Semicon Device LC749402PT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LC749402PT
No.A1885-3/10
DC Characteristics at Ta = -40 to +85
°C, DVSS = 0V, AVSS_OSC = 0V,
DVDD_IO = 1.7V to 1.9V or 2.6V to 3.6V, DVDD_CORE = 1.1V to 1.3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
CMOS level inputs
0.7DVDD_IO
V
Input high-level voltage
VIH
CMOS level schmitt inputs
0.7DVDD_IO
V
CMOS level inputs
0.3DVDD_IO
V
Input low-level voltage
VIL
CMOS level schmitt inputs
0.3DVDD_IO
V
VI=DVDD_IO
10
μA
Input high-level current
IIH
VI=DVDD_IO, with pull-down resistance
100
μA
Input low-level current
IIL
VI=DVSS
-10
μA
CMOS voltage: 2.6V to 3.6V
Pin D: IOH=-2mA
Pin F: IOH=-2mA (when set to 2mA)
IOH=-4mA (when set to 4mA)
Pin G: IOH=-4mA (when set to 4mA)
IOH=-8mA (when set to 8mA)
Pin H: IOH=-4mA
DVDD_IO-0.4
V
Output high-level voltage
VOH
CMOS voltage: 1.7V to 1.9V
Pin D: IOH=-1mA
Pin F: IOH=-1mA (when set to 2mA)
IOH=-2mA (when set to 4mA)
Pin G: IOH=-2mA (when set to 4mA)
IOH=-4mA (when set to 8mA)
Pin H: IOH=-2mA
DVDD_IO-0.45
V
Output low-level voltage
VOL
CMOS
0.4
V
Output leak current
IOZ
At output of high-impedance
-10
10
μA
Pull-down resistor
RDN
Typical conditions:
Ta=25
°C
DVDD_IO=2.85V
DVDD_CORE=1.2V
98
k
Ω
Typical conditions:
Ta=25
°C
DVDD_IO=2.85V
DVDD_CORE=1.2V
tck=10MHz 10 steps
18
mA
Dynamic supply current
IDDOP
Typical conditions:
Ta=25
°C
DVDD_IO=2.85V
DVDD_CORE=1.2V
tck=40MHz 10 steps
57
mA
Static supply current *1
IDDST
Typical conditions:
Ta=25
°C
DVDD_IO=2.85V
DVDD_CORE=1.2V
Outputs open
VI=DVSS or DVDD_IO
20
μA
*1: There is a input terminal which builds in pull down resistance. Please note that there is no guarantee about static
consumption current depending on circuit composition.


Podobny numer części - LC749402PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
More results

Podobny opis - LC749402PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
logo
Princeton Technology Co...
PT6596 PTC-PT6596 Datasheet
71Kb / 6P
   PICTURE CELL LCD DRIVER IC
logo
Toshiba Semiconductor
TC90205FG TOSHIBA-TC90205FG Datasheet
707Kb / 18P
   Picture quality improver IC embedded T-Con signal generation
2016-04-25 Rev.1.00
logo
Sanyo Semicon Device
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
logo
Siemens Semiconductor G...
SDA9388X SIEMENS-SDA9388X Datasheet
74Kb / 2P
   Single-Chip Picture in Picture IC
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
logo
E-Tech Electronics LTD
MN662793 ETL-MN662793 Datasheet
818Kb / 41P
   Silicon CMOS IC
logo
NXP Semiconductors
TDA9176 PHILIPS-TDA9176 Datasheet
91Kb / 16P
   Luminance Transient Improvement LTI IC
1996 Jan 30
TDA4671 PHILIPS-TDA4671 Datasheet
152Kb / 16P
   Picture Signal Improvement PSI circuit
1996 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com