Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11620GP Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LB11620GP
Szczegółowy opis  Monolithic Digital IC Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11620GP Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LB11620GP Datasheet HTML 1Page - Sanyo Semicon Device LB11620GP Datasheet HTML 2Page - Sanyo Semicon Device LB11620GP Datasheet HTML 3Page - Sanyo Semicon Device LB11620GP Datasheet HTML 4Page - Sanyo Semicon Device LB11620GP Datasheet HTML 5Page - Sanyo Semicon Device LB11620GP Datasheet HTML 6Page - Sanyo Semicon Device LB11620GP Datasheet HTML 7Page - Sanyo Semicon Device LB11620GP Datasheet HTML 8Page - Sanyo Semicon Device LB11620GP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LB11620GP
No.A1913-3/13
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
HP pin
Output saturation voltage
VHPL
IO = 10mA
0.2
0.5
V
Output leakage current
IHPleak
VO = 18V
10
μA
CSD oscillator (CSD pin)
High-level output voltage
VOH (CSD)
2.7
3.0
3.3
V
Low-level output voltage
VOL (CSD)
0.7
1.0
1.3
V
External capacitor charge current
ICHG1
VCSD = 2V
-3.15
-2.5
-1.85
μA
External capacitor discharge current
ICHG2
VCSD = 2V
0.1
0.14
0.18
μA
Charge/discharge current ratio
RCSD
Charge current /discharge current
15
18
21
Times
RD pin
Low-level output voltage
VRDL
IO = 10mA
0.2
0.5
V
Output leakage current
IL (RD)
VO = 18V
10
μA
Current limiter circuit (RF pin)
Limiter voltage
VRF
RF-GND
0.225
0.25
0.275
V
PWMIN pin
Input frequency
f (PI)
60
kHz
High-level input voltage
VIH (PI)
2.0
VREG
V
Low-level input voltage
VIL (PI)
0
1.0
V
Input open voltage
VIO (PI)
VREG-0.5
VREG
V
Hysteresis
VIS (PI)
0.2
0.25
0.4
V
High-level input current
IIH (PI)
VPWMIN = VREG
-10
0
10
μA
Low-level input current
IIL (PI)
VPWMIN = 0V
-130
-90
μA
F/R pin
High-level input voltage
VIH (FR)
2.0
VREG
V
Low-level input voltage
VIL (FR)
0
1.0
V
Input open voltage
VIO (FR)
VREG-0.5
VREG
V
Hysteresis
VIS (FR)
0.2
0.25
0.4
V
High-level input current
IIH (FR)
-10
0
10
μA
Low-level input current
IIL (FR)
-130
-90
μA
N1 pin
High-level input voltage
VIH (N1)
2.0
VREG
V
Low-level input voltage
VIL (N1)
0
1.0
V
Input open voltage
VIO (N1)
VREG-0.5
VREG
V
High-level input current
IIH (N1)
VN1 = VREG
-10
0
10
μA
Low-level input current
IIL (N1)
VN1 = 0V
-130
-100
μA


Podobny numer części - LB11620GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LB11620GP ONSEMI-LB11620GP Datasheet
181Kb / 15P
   Three-Phase Direct PWM Brushless Motor Driver
April 2016- Rev. 0
LB11620GP-TE-L-H ONSEMI-LB11620GP-TE-L-H Datasheet
181Kb / 15P
   Three-Phase Direct PWM Brushless Motor Driver
April 2016- Rev. 0
More results

Podobny opis - LB11620GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
LB11681H SANYO-LB11681H Datasheet
109Kb / 11P
   Monolithic Digital IC PWM Three-phase Brushless Motor Driver
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
   Monolithic Digital IC Stepping Motor Driver IC
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com