Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si1120-A-GM Arkusz danych(PDF) 11 Page - Silicon Laboratories

Numer części Si1120-A-GM
Szczegółowy opis  PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1120-A-GM Arkusz danych(HTML) 11 Page - Silicon Laboratories

Back Button Si1120-A-GM Datasheet HTML 7Page - Silicon Laboratories Si1120-A-GM Datasheet HTML 8Page - Silicon Laboratories Si1120-A-GM Datasheet HTML 9Page - Silicon Laboratories Si1120-A-GM Datasheet HTML 10Page - Silicon Laboratories Si1120-A-GM Datasheet HTML 11Page - Silicon Laboratories Si1120-A-GM Datasheet HTML 12Page - Silicon Laboratories Si1120-A-GM Datasheet HTML 13Page - Silicon Laboratories Si1120-A-GM Datasheet HTML 14Page - Silicon Laboratories Si1120-A-GM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Si1120
Rev. 1.0
11
2.4. Ambient-Light Modes
Proximity offset and gain can be affected a few percent by high ambient light levels (e.g. sunlight or strong
incandescent lighting). While the cal mode can be used to determine offsets from large ambient light or ambient
noise levels in PRX400 and PRX50 modes, direct measurement of the ambient levels can help identify whether
changes in reflectance are valid or in fact due to large ambient light changes. Usually, this is only an issue in high
reflectance situations, such as single window operation without good optical isolation, where large changing
ambients are an issue.
The Si1120 has two photodiodes, each of which peaks at a different wavelength. The VAMB mode uses the visible
light photodiode which peaks at around 530 nm. On the other hand, the VIRH and VIRL modes use the photodiode
which peaks at around 830 nm. Although the visible-light photodiode peaks near 550 nm (considered the peak
wavelength of human perception), the Si1120 visible photodiode extends to infrared light as well. Similarly, the
Si1120 infrared photodiode detects infrared light as well as part of the visible light spectrum. The Si1120 treats
ultraviolet, visible, and infrared light as a continuous spectrum.
The ratio between the visible and infrared photodiode readings provides a good clue to the type of light source. The
reason is that each light source consists of a characteristic mix of infrared and visible light. For example, blackbody
radiators, such as incandescent or halogen lamps, can have significant energy in the infrared spectrum. On the
other hand, fluorescent lamps have more energy in the visible light spectrum. The term “color ratio” will be used to
describe the relative strength of the visible photodiode reading relative to the infrared photodiode reading. Human
color vision employs a similar principle.
The VAMB/VIRH or VAMB/VIRL color ratios are representative of the Si1120's color perception. Choosing between
these two color ratios depends on the light intensity. In general, VAMB/VIRL should be used first since VIRL has
higher sensitivity. For higher light intensities, the VAMB/VIRH ratio should be used.
Note that VAMB, VIRH, and VIRL pulse widths are used as dividends and divisors in these ratios. What this means
is that the pulse width offsets (at 0 lux) need to be removed prior to usage in the above color ratios. For best
precision, it is best to take VAMB, VIRH, and VIRL measurements at 0 lux and to use actual measured values.
However, a good rule of thumb is to subtract 7.1 µs, 11.3 µs, and 9.9 µs respectively from VAMB, VIRH, and VIRL
(then assigning 0 µs to any resulting negative value). This rule-of-thumb can be used when accuracy is less critical.
Unless stated otherwise, the plots and figures used in this data sheet use offset-corrected values for VAMB, VIRH,
and VIRL.
Once a color ratio has been derived, the light type(s) and lux ratios are also identified. The lux ratio describes the
ratio between the desired lux value and VAMB, VIRL, or VIRH (depending on the situation). The appropriate lux
ratio, when multiplied with the applicable measurement, yields the final calculated lux value. Without any
calibration, it should be possible to arrive within 50% (or 50 lux) of the absolute lux value.
Figure 8. Ambient Light Mode Timing Diagram


Podobny numer części - Si1120-A-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
More results

Podobny opis - Si1120-A-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Silicon Laboratories
SI1120 SILABS-SI1120 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com