Zakładka z wyszukiwarką danych komponentów |
|
740VA103B Arkusz danych(PDF) 2 Page - Glenair, Inc. |
|
740VA103B Arkusz danych(HTML) 2 Page - Glenair, Inc. |
2 / 2 page GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2003 Glenair, Inc. Printed in U.S.A. CAGE Codes 06324 B-7 E-Mail: sales@glenair.com www.glenair.com TABLE I DASH CONDUIT MIL-C-28840/4 A NO. I.D. SIZE REF. DIA 12 .375 (9.5) 03 .625 (15.9) 16 .500 (12.7) 04 .750 (19.1) 20 .625 (15.9) 05 .875 (22.2) 24 .750 (19.1) 06 1.000 (25.4) 32 1.000 (25.4) 08 1.375 (34.9) 40 1.250 (31.8) 10 1.625 (41.3) 48 1.500 (38.1) 12 1.875 (47.6) 64 2.000 (50.8) 16 2.375 (60.3) Metric dimensions (mm) are indicated in parentheses. * Length tolerance is ± .250 (12.7) for lengths up to 24 inches (619.6 mm). Length tolerance for longer lengths is ± one percent (1%) of the length. TABLE II SYMBOL FINISH B Olive Drab over Cadmium Plate J Gold Iridite over Cadmium Plate over Nickel M Electroless Nickel N Olive Drab over Cadmium Plate over Nickel NC Zinc-Cobalt, Olive Drab NF Olive Drab over Cadmium Plate over Electroless Nickel (500 Hour Salt Spray) T Bright Dip Cadmium Plate over Nickel Z1 Passivate LENGTH * M28840/4 AC OR BC CONDUIT M28840/22 BUSHING 1.50 (44.5) A DIA Product Series 750 = Series 75 Neoprene Jacket N = With Neoprene Jacket X = Without Neoprene Jacket Conduit Type 750 N A 106 M 24-36 Length in inches * Dash No. (Table I) Finish (Table II) End Fitting Material 106 = Aluminum 107 = Brass 108 = Stainless Steel USE WITH ADAPTERS M28840/5 M28840/25 M28840/27 M28840/30 750-102 750-103 and 750-115 Pre-Terminated Assemblies for M28840/5, /25, /27 & /30 Adapters Series 72 & 74 Tubing & Series 75 Conduit |
Podobny numer części - 740VA103B |
|
Podobny opis - 740VA103B |