Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28208 Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL28208
Szczegółowy opis  40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28208 Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL28208 Datasheet HTML 6Page - Intersil Corporation ISL28208 Datasheet HTML 7Page - Intersil Corporation ISL28208 Datasheet HTML 8Page - Intersil Corporation ISL28208 Datasheet HTML 9Page - Intersil Corporation ISL28208 Datasheet HTML 10Page - Intersil Corporation ISL28208 Datasheet HTML 11Page - Intersil Corporation ISL28208 Datasheet HTML 12Page - Intersil Corporation ISL28208 Datasheet HTML 13Page - Intersil Corporation ISL28208 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ISL28108, ISL28208
10
FN6935.1
March 17, 2011
FIGURE 25. SHORT CIRCUIT CURRENT vs TEMPERATURE,
VS =±15V
FIGURE 26. SHORT CIRCUIT CURRENT vs TEMPERATURE, VS = ±5V
FIGURE 27. MAX OUTPUT VOLTAGE vs FREQUENCY
FIGURE 28. NO PHASE REVERSAL
FIGURE 29. AVOL vs TEMPERATURE
FIGURE 30. OPEN-LOOP GAIN, PHASE vs FREQUENCY, VS = ±15V
Typical Performance Curves
VS = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
0
5
10
15
20
25
30
35
40
45
50
TEMPERATURE (°C)
-40
-20
0
204060
80
100
120
VS = ±15V
RL = 10k
ISC-SINK
ISC-SOURCE
0
5
10
15
20
25
30
35
40
45
50
VS = ±5V
RL = 10k
TEMPERATURE (°C)
-40
-20
0
204060
80
100
120
ISC-SINK
ISC-SOURCE
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
AV = 1
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
TIME (ms)
010
20
2468
12
14
16
18
VS = ±5V
VIN = ±5.9V
INPUT
OUTPUT
-60 -40 -20
0
20
40
60
80 100 120 140 160
TEMPERATURE (°C)
100
110
120
130
140
VS = ± 15V
VS = ±5V
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1k
10k 100k 1M 10M 100M 1G
FREQUENCY (Hz)
0.1
VS = ±15V
RL = 1MΩ
SIMULATION
GAIN
PHASE


Podobny numer części - ISL28208

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28208 INTERSIL-ISL28208 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208 INTERSIL-ISL28208 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28208 INTERSIL-ISL28208 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL28208 RENESAS-ISL28208 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28208 INTERSIL-ISL28208 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
More results

Podobny opis - ISL28208

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com