Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28108FUZ Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL28108FUZ
Szczegółowy opis  40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28108FUZ Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL28108FUZ Datasheet HTML 1Page - Intersil Corporation ISL28108FUZ Datasheet HTML 2Page - Intersil Corporation ISL28108FUZ Datasheet HTML 3Page - Intersil Corporation ISL28108FUZ Datasheet HTML 4Page - Intersil Corporation ISL28108FUZ Datasheet HTML 5Page - Intersil Corporation ISL28108FUZ Datasheet HTML 6Page - Intersil Corporation ISL28108FUZ Datasheet HTML 7Page - Intersil Corporation ISL28108FUZ Datasheet HTML 8Page - Intersil Corporation ISL28108FUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ISL28108, ISL28208
2
FN6935.1
March 17, 2011
Pin Configurations
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
Coming Soon
ISL28108FBZ
28108 FBZ
-40 to +125 8 Ld SOIC
M8.15E
Coming Soon
ISL28108FRTZ
108Z
-40 to +125 8 Ld TDFN
L8.3x3A
Coming Soon
ISL28108FUZ
8108Z
-40 to +125 8 Ld MSOP
M8.118
ISL28208FBZ
28208 FBZ
-40 to +125 8 Ld SOIC
M8.15E
ISL28208FRTZ
208Z
-40 to +125 8 Ld TDFN
L8.3x3A
Coming Soon
ISL28208FUZ
8208Z
-40 to +125 8 Ld MSOP
M8.118
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information
page for ISL28108, ISL28208. For more information on MSL please
see techbrief TB363.
ISL28108
(8 LD TDFN)
TOP VIEW
ISL28108
(8 LD MSOP, SOIC)
TOP VIEW
ISL28208
(8 LD TDFN)
TOP VIEW
ISL28208
(8 LD SOIC, MSOP
TOP VIEW
2
3
4
1
7
6
5
8
NC
-IN
+IN
V-
NC
V+
VOUT
NC
+
-
NC
-IN
+IN
V -
1
2
3
4
8
7
6
5
NC
V+
VOUT
NC
+
-
2
3
4
1
7
6
5
8
VOUT_A
-IN_A
+IN_A
V-
V+
VOUT_B
-IN_B
+IN_B
+
-
+-
VOUT _A
-IN_A
+IN_A
V-
1
2
3
4
8
7
6
5
V+
VOUT_B
-IN_B
+IN_B
+
-
+-
Pin Descriptions
ISL28108
(8 LD TDFN)
ISL28108
(8 LD SOIC, MSOP)
ISL28208
(8 LD TDFN)
ISL28208
(8 LD SOIC, MSOP)
PIN
NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
3
3
+IN
Circuit 1
Amplifier non-inverting input
2
2
-IN
Circuit 1
Amplifier inverting input
3
3
+IN_A
Circuit 1
Amplifier A non-inverting input
2
2
-IN_A
Circuit 1
Amplifier A inverting input
66
1
1
VOUT_A
Circuit 2
Amplifier A output
4
4
4
4
V-
Circuit 3
Negative power supply
5
5
+IN_B
Circuit 1
Amplifier B non-inverting input
6
6
-IN_B
Circuit 1
Amplifier B inverting input
77
VOUT_B
Circuit 2
Amplifier B output
7
7
8
8
V+
Circuit 3
Positive power supply
1, 5, 8
1, 5, 8
NC
-
No internal connection
PD
PD
-
Thermal Pad. Pad has no internal
connections and should be connected to a
good AC ground.
V+
V-
OUT
CIRCUIT 2
CIRCUIT 1
V+
V-
CIRCUIT 3
IN-
V+
V-
IN+
CAPACITIVELY
TRIGGERED ESD


Podobny numer części - ISL28108FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28108FUZ INTERSIL-ISL28108FUZ Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108FUZ INTERSIL-ISL28108FUZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
logo
Renesas Technology Corp
ISL28108FUZ RENESAS-ISL28108FUZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results

Podobny opis - ISL28108FUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com