Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28208FBZ Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL28208FBZ
Szczegółowy opis  40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28208FBZ Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL28208FBZ Datasheet HTML 1Page - Intersil Corporation ISL28208FBZ Datasheet HTML 2Page - Intersil Corporation ISL28208FBZ Datasheet HTML 3Page - Intersil Corporation ISL28208FBZ Datasheet HTML 4Page - Intersil Corporation ISL28208FBZ Datasheet HTML 5Page - Intersil Corporation ISL28208FBZ Datasheet HTML 6Page - Intersil Corporation ISL28208FBZ Datasheet HTML 7Page - Intersil Corporation ISL28208FBZ Datasheet HTML 8Page - Intersil Corporation ISL28208FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ISL28108, ISL28208
5
FN6935.1
March 17, 2011
Electrical Specifications V
S ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the
operating temperature range, -40°C to +125°C. Temperature data established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT
VOS
Offset Voltage
-230
25
230
µV
-330
330
µV
TCVOS
Input Offset Voltage Temperature
Coefficient
ISL28208 SOIC
-40°C to +125°C
0.1
1.1
µV/
°C
ISL28208 TDFN
-40°C to +125°C
0.2
1.4
µV/
°C
ΔVOS
Input Offset Voltage Match
(ISL28208 only)
-300
3
300
µV
-400
400
µV
IB
Input Bias Current
-43
-15
nA
-63
nA
TCIB
Input Bias Current
Temperature Coefficient
-40°C to +125°C
-67
pA/
°C
IOS
Input Offset Current
-3
0
3
nA
-4
4
nA
CMRR
Common-Mode Rejection Ratio
VCM = V- -0.5V to V+ -1.8V
101
dB
VCM = V- -0.2V to V+ -1.8V
123
dB
89
dB
VCM = V- to V+ -1.8V
105
123
dB
100
112
dB
VCMIR
Common Mode Input Voltage
Range
Guaranteed by CMRR test
V- - 0.5
V+ - 1.8
V
V-
V+ - 1.8
V
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V, VCMIR = Valid Input Voltage
110
126
dB
109
123
dB
AVOL
Open-Loop Gain
VO = -3V to +3V, RL = 10kΩ to ground
117
124
dB
99
dB
VOL
Output Voltage Low,
VOUT to V-
RL = 10kΩ
23
38
mV
48
mV
VOH
Output Voltage High,
V+ to VOUT
RL = 10kΩ
30
65
mV
70
mV
IS
Supply Current/Amplifier
RL = Open
165
250
µ
A
240
350
µ
A
ISC+
Output Short Circuit Source Current RL = 10Ω to V-
14
mA
ISC-
Output Short Circuit Sink Current
RL = 10Ω to V+
22
mA
AC SPECIFICATIONS
GBW
Gain Bandwidth Product
ACL = 101, VO = 100mVP-P, RL = 2kΩ
1.2
MHz
enp-p
Noise Voltage
0.1Hz to 10Hz
600
nVP-P
en
Noise Voltage Density
f = 10Hz
18
nV/
√Hz
en
Noise Voltage Density
f = 100Hz
16
nV/
√Hz
en
Noise Voltage Density
f = 1kHz
15.8
nV/
√Hz
en
Noise Voltage Density
f = 10kHz
15.8
nV/
√Hz
in
Noise Current Density
f = 10kHz
90
fA/
√Hz


Podobny numer części - ISL28208FBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28208FBZ INTERSIL-ISL28208FBZ Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208FBZ INTERSIL-ISL28208FBZ Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208FBZ INTERSIL-ISL28208FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
logo
Renesas Technology Corp
ISL28208FBZ RENESAS-ISL28208FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results

Podobny opis - ISL28208FBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com