Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28208FRTZ Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL28208FRTZ
Szczegółowy opis  40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28208FRTZ Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL28208FRTZ Datasheet HTML 7Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 8Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 9Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 10Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 11Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 12Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 13Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 14Page - Intersil Corporation ISL28208FRTZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ISL28108, ISL28208
11
FN6935.1
March 17, 2011
FIGURE 31. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 32. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
FIGURE 33. GAIN vs FREQUENCY vs RL, VS = ±15V
FIGURE 34. GAIN vs FREQUENCY vs RL, VS = ±5V
FIGURE 35. GAIN vs FREQUENCY vs OUTPUT VOLTAGE
FIGURE 36. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
Typical Performance Curves
VS = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
VSUPPLY (V)
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
0 2 4 6 8 1012 14 161820 222426 283032 3436 38 40 42
-10
0
10
20
30
40
50
60
70
1k
10k
100k
1M
10M
FREQUENCY (Hz)
100
ACL = 1
ACL = 10
ACL = 1001
VS = ±5V, ±15V
CL = 4pF
VOUT = 100mVP-P
RL = 2k
ACL = 101
RF = 0, RG = ∞
RF = 10kΩ, RG = 10Ω
RF = 10kΩ, RG = 100Ω
RF = 10kΩ, RG = 1.1kΩ
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
RL = 100
RL = 49.9
RL = 499
VS = ±15V
AV = +1
VOUT = 100mVP-P
CL = 4pF
100
RL = OPEN, 100k, 10k
RL = 1k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
VS = ±5V
AV = +1
VOUT = 100mVp-p
CL = 4pF
RL = 100
RL = 49.9
RL = 499
RL = OPEN, 100k, 10k
RL = 1k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
VS = ±5V
AV = +1
RL = INF
CL = 4pF
VOUT = 50mVP-P
VOUT = 10mVP-P
VOUT = 100mVP-P
VOUT = 500mVP-P
VOUT = 1VP-P
FREQUENCY (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
1k
10k
100k
1M
10M
CL = 4pF
RL = 10k
AV = +1
VOUT = 100mVP-P
VS = ±15V
VS = ±5V
VS = ±20V
VS = ±2.5V


Podobny numer części - ISL28208FRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28208FRTZ INTERSIL-ISL28208FRTZ Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208FRTZ INTERSIL-ISL28208FRTZ Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28208FRTZ INTERSIL-ISL28208FRTZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
logo
Renesas Technology Corp
ISL28208FRTZ RENESAS-ISL28208FRTZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
More results

Podobny opis - ISL28208FRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
logo
Texas Instruments
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
[Old version datasheet]   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com