Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISLA214P50IR72EV1Z Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISLA214P50IR72EV1Z
Szczegółowy opis  14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA214P50IR72EV1Z Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISLA214P50IR72EV1Z Datasheet HTML 1Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 2Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 3Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 4Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 5Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 6Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 7Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 8Page - Intersil Corporation ISLA214P50IR72EV1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ISLA214P50
4
FN7571.1
March 15, 2011
Pin Configuration - CMOS MODE
ISLA214P50
(72 LD QFN)
TOP VIEW
72 71 70 69 68 67 66 65 64 63 62 61 60 59
D3
DNC
D4
DNC
D5
DNC
CLKOUT
DNC
RLVDS
OVSS
D6
DNC
D7
DNC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
54
53
52
51
50
49
48
47
46
45
44
43
42
41
DNC
DNC
NAPSLP
VCM
AVSS
AVDD
AVSS
VINN
VINN
VINP
VINP
AVSS
AVDD
AVSS
19 20 21 22 23 24 25 26 27 28 29 30 31 32
15
16
17
18
CLKDIV
IPTAT
DNC
RESETN
33 34 35 36
D8
DNC
D9
DNC
40
39
38
37
58 57 56 55
Connect Thermal Pad to AVSS
Thermal Pad Not Drawn to Scale,
Consult Mechanical Drawing
for Physical Dimensions
Pin Descriptions - 72 Ld QFN, CMOS Mode
PIN NUMBER
CMOS PIN NAME
CMOS PIN FUNCTION
1, 2, 17, 28, 30, 33, 35, 37, 39, 41,
43, 47, 49, 51, 53, 55, 57, 59, 63
DNC
Do Not Connect
6, 13, 19, 20, 21, 70, 71, 72
AVDD
1.8V Analog Supply
5, 7, 12, 14
AVSS
Analog Ground
27, 32, 62
OVDD
1.8V Output Supply
26, 45, 61, 65
OVSS
Output Ground
3
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
4
VCM
Common Mode Output


Podobny numer części - ISLA214P50IR72EV1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISLA214P50IR72EV1Z RENESAS-ISLA214P50IR72EV1Z Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
ISLA214P50IR72EV1Z RENESAS-ISLA214P50IR72EV1Z Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
More results

Podobny opis - ISLA214P50IR72EV1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISLA212P50_1105 INTERSIL-ISLA212P50_1105 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
logo
Renesas Technology Corp
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
   14-Bit, 500MSPS ADC
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
logo
Linear Technology
LTC2246H LINER-LTC2246H Datasheet
196Kb / 16P
   14-Bit, 25Msps 125째C ADC In LQFP
LTC2246H LINER-LTC2246H_15 Datasheet
206Kb / 18P
   14-Bit, 25Msps 125C ADC In LQFP
logo
Analog Devices
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com