Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA100O015E-BJTT Arkusz danych(PDF) 11 Page - Samsung semiconductor

Numer części KA100O015E-BJTT
Szczegółowy opis  MCP Specification
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA100O015E-BJTT Arkusz danych(HTML) 11 Page - Samsung semiconductor

Back Button KA100O015E-BJTT Datasheet HTML 7Page - Samsung semiconductor KA100O015E-BJTT Datasheet HTML 8Page - Samsung semiconductor KA100O015E-BJTT Datasheet HTML 9Page - Samsung semiconductor KA100O015E-BJTT Datasheet HTML 10Page - Samsung semiconductor KA100O015E-BJTT Datasheet HTML 11Page - Samsung semiconductor KA100O015E-BJTT Datasheet HTML 12Page - Samsung semiconductor KA100O015E-BJTT Datasheet HTML 13Page - Samsung semiconductor KA100O015E-BJTT Datasheet HTML 14Page - Samsung semiconductor KA100O015E-BJTT Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
[Figure 2] Array Organization
[Figure 1] Functional Block Diagram
- 11 -
KA100O015E-BJTT
MCP Memory
Rev. 1.0
datasheet
[Table 1] Array address (x8)
NOTE :
Column Address : Starting Address of the Register.
* L must be set to "Low".
* The device ignores any additional input of address cycles than required.
* A30 is Row address for 8G DDP.
In case of 4G Mono, A30 must be set to "Low"
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
Address
1st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
Column Address
2nd Cycle
A8
A9
A10
A11
A12
*L
*L
*L
Column Address
3rd Cycle
A13
A14
A15
A16
A17
A18
A19
A20
Row Address
4th Cycle
A21
A22
A23
A24
A25
A26
A27
A28
Row Address
5th Cycle
A29
*A30
*L
*L
*L
*L
*L
*L
Row Address
VCC
X-Buffers
Command
I/O Buffers & Latches
Latches
& Decoders
Y-Buffers
Latches
& Decoders
Register
Control Logic
& High Voltage
Generator
Global Buffers
Output
Driver
VSS
A13 - A30*
A0 - A12
Command
CE
RE
WE
CLE
WP
I/0 0
I/0 7
VCC
VSS
ALE
4,096M + 128M Bit for 4Gb
NAND Flash
ARRAY
Y-Gating
Data Register & S/A
8,192M + 256M Bit for 8Gb DDP
4K Bytes
128 Bytes
4K Bytes
8 bit
128 Bytes
1 Block = 64 Pages
(256K + 8K) Byte
I/O 0 ~ I/O 7
1 Page = (4K + 128)Bytes
1 Block = (4K + 128)Byte x 64 Pages
= (256K + 8K) Bytes
1 Device = (4K+128)B x 64Pages x 2,048 Blocks
= 4,224 Mbits for 4Gb
Page Register
2,048 blocks for 4Gb
4,096 blocks for 8Gb DDP
1 Device = (4K+128)B x 64Pages x 4,096 Blocks
= 8,448 Mbits for 8Gb DDP


Podobny numer części - KA100O015E-BJTT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
KA100M317 KEXIN-KA100M317 Datasheet
262Kb / 2P
   Three Terminal Positive Voltage Regulator
More results

Podobny opis - KA100O015E-BJTT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1282NSLAXAL NANYA-NM1282NSLAXAL Datasheet
4Mb / 121P
   MCP Specification
NM14F4KSLAXAQ NANYA-NM14F4KSLAXAQ Datasheet
5Mb / 122P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE_19 Datasheet
14Mb / 377P
   MCP Specification
NM1282KSLAXAL NANYA-NM1282KSLAXAL Datasheet
4Mb / 120P
   MCP Specification
logo
Samsung semiconductor
K522H1HACF-B050 SAMSUNG-K522H1HACF-B050 Datasheet
1Mb / 94P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com