Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K10P81M100SF2 Arkusz danych(PDF) 11 Page - Freescale Semiconductor, Inc

Numer części K10P81M100SF2
Szczegółowy opis  K10 Sub-Family Data Sheet Supports the following Flash write voltage range: 1.71 to 3.6 V
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K10P81M100SF2 Arkusz danych(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button K10P81M100SF2_11 Datasheet HTML 7Page - Freescale Semiconductor, Inc K10P81M100SF2_11 Datasheet HTML 8Page - Freescale Semiconductor, Inc K10P81M100SF2_11 Datasheet HTML 9Page - Freescale Semiconductor, Inc K10P81M100SF2_11 Datasheet HTML 10Page - Freescale Semiconductor, Inc K10P81M100SF2_11 Datasheet HTML 11Page - Freescale Semiconductor, Inc K10P81M100SF2_11 Datasheet HTML 12Page - Freescale Semiconductor, Inc K10P81M100SF2_11 Datasheet HTML 13Page - Freescale Semiconductor, Inc K10P81M100SF2_11 Datasheet HTML 14Page - Freescale Semiconductor, Inc K10P81M100SF2_11 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
1. All functional non-supply pins are internally clamped to VSS, and induce an injection current when VIN is less than VSS. The
IIC maximum operating requirement should not be exceeded. If this requirement cannot be met, the input must be current
limited to the value specified.
5.1.2 LVD and POR operating requirements
Table 2. VDD supply LVD and POR operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VPOR
Falling VDD POR detect voltage
TBD
1.1
TBD
V
VLVDH
Falling low-voltage detect threshold — high
range (LVDV=01)
TBD
2.56
TBD
V
VLVW1H
VLVW2H
VLVW3H
VLVW4H
Low-voltage warning thresholds — high range
• Level 1 falling (LVWV=00)
• Level 2 falling (LVWV=01)
• Level 3 falling (LVWV=10)
• Level 4 falling (LVWV=11)
TBD
TBD
TBD
TBD
2.70
2.80
2.90
3.00
TBD
TBD
TBD
TBD
V
V
V
V
1
VHYSH
Low-voltage inhibit reset/recover hysteresis —
high range
60
mV
VLVDL
Falling low-voltage detect threshold — low range
(LVDV=00)
TBD
1.60
TBD
V
VLVW1L
VLVW2L
VLVW3L
VLVW4L
Low-voltage warning thresholds — low range
• Level 1 falling (LVWV=00)
• Level 2 falling (LVWV=01)
• Level 3 falling (LVWV=10)
• Level 4 falling (LVWV=11)
TBD
TBD
TBD
TBD
1.80
1.90
2.00
2.10
TBD
TBD
TBD
TBD
V
V
V
V
1
VHYSL
Low-voltage inhibit reset/recover hysteresis —
low range
40
mV
VBG
Bandgap voltage reference
TBD
1.00
TBD
V
tLPO
Internal low power oscillator period
factory trimmed
TBD
1000
TBD
μs
1. Rising thresholds are falling threshold + hysteresis voltage
Table 3. VBAT power operating requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VPOR_VBAT Falling VBAT supply POR detect voltage
TBD
1.1
TBD
V
General
K10 Sub-Family Data Sheet Data Sheet, Rev. 4, 3/2011.
Freescale Semiconductor, Inc.
Preliminary
11


Podobny numer części - K10P81M100SF2_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
K10P81M100SF2V2 NXP-K10P81M100SF2V2 Datasheet
1Mb / 75P
   K10 Sub-Family
Rev. 4, 09/2017
More results

Podobny opis - K10P81M100SF2_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
K10P64M50SF0 NXP-K10P64M50SF0_V01 Datasheet
988Kb / 62P
   K10 Sub-Family Supports the following
Rev. 5 10/2023
logo
Freescale Semiconductor...
K40P121M100SF2 FREESCALE-K40P121M100SF2 Datasheet
1Mb / 62P
   K40 Sub-Family Data Sheet Supports the following Temperature range (ambient): -40 to 105째C
logo
NXP Semiconductors
K60P120M100SF2 NXP-K60P120M100SF2 Datasheet
2Mb / 72P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2V2 NXP-K60P100M100SF2V2 Datasheet
1Mb / 80P
   Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
K61P256M150SF3 NXP-K61P256M150SF3 Datasheet
1Mb / 94P
   K61 Sub-Family Supports the following
Rev. 7, 02/2018
K70P256M120SF3 NXP-K70P256M120SF3 Datasheet
1Mb / 97P
   K70 Sub-Family Supports the following
Rev. 7, 02/2018
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P81M100SF2 FREESCALE-K10P81M100SF2 Datasheet
865Kb / 60P
   K10 Sub-Family Data Sheet
K10P144M120SF3 FREESCALE-K10P144M120SF3 Datasheet
1Mb / 75P
   K10 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com