Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB05-03C Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części SB05-03C
Szczegółowy opis  30V, 500mA Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB05-03C Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  SB05-03C Datasheet HTML 1Page - Sanyo Semicon Device SB05-03C Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB05-03C
Ordering number : EN3614A
30V, 500mA Rectifier
Schottky Barrier Diode
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
61197GI/N120MH (KOTO) No.3614-1/2
Applications
• Universal-use rectifier.
• High frequency rectification (switching regulators, converters, choppers).
Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=10ns).
• Low switching noise
• Low leakage current and high reliability due to highly reliable planar structure.
• Small-sized package, permitting applied sets to be compact and slim.
Absolute Maximum Ratings at Ta=25°C
unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse
VRSM
35
V
Surge Voltage
Average Output Current
Io
500
mA
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
5
A
Junction Temperature
Tj
–55 to +125
°C
Storage Temperature
Tstg
–55 to +125
°C
Electrical Characteristics at Ta=25°C
min
typ
max
unit
Reverse Voltage
VR
IR=150µA
30
V
Forward Voltage
VF
IF=500mA
0.55
V
Reverse Current
IR
VR=15V
30
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
16
pF
Reverse Recovery Time
trr
IF=IR=100mA,
10
ns
See specified Test Circuit.
Thermal Resistance
Rthj-a
560
°C/W
Marking : Q
trr Test Circuit
Package Dimensions 1148A
(unit : mm)


Podobny numer części - SB05-03C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
SB05-03C ONSEMI-SB05-03C Datasheet
296Kb / 5P
   Schottky Barrier Diode
September, 2013
SB05-03C-TB-E ONSEMI-SB05-03C-TB-E Datasheet
296Kb / 5P
   Schottky Barrier Diode
September, 2013
More results

Podobny opis - SB05-03C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SBE805 SANYO-SBE805 Datasheet
37Kb / 3P
   30V, 500mA Rectifier
SB0503EJ SANYO-SB0503EJ Datasheet
40Kb / 3P
   30V, 500mA Rectifier
FC805 SANYO-FC805 Datasheet
50Kb / 2P
   30V, 500mA Rectifier
SB05-03Q SANYO-SB05-03Q Datasheet
63Kb / 2P
   30V, 500mA Rectifier
SS0503EJ SANYO-SS0503EJ Datasheet
35Kb / 3P
   Schottky Barrier Diode 30V, 500mA Rectifier
logo
Rohm
2SCR502UB ROHM-2SCR502UB Datasheet
1Mb / 8P
   NPN 500mA 30V General purpose transistors
2SCR502E3HZG ROHM-2SCR502E3HZG Datasheet
1Mb / 9P
   NPN 500mA 30V General purpose transistors
20220712 - Rev.001
logo
Torex Semiconductor
XBS053V13-12 TOREX-XBS053V13-12 Datasheet
92Kb / 3P
   Schottky Barrier Diode, 500mA, 30V Type
XB0ASB03A1BR TOREX-XB0ASB03A1BR Datasheet
145Kb / 2P
   SCHOTTKY BARRIER DIODE 500MA 30V TYPE
XBS053V13 TOREX-XBS053V13 Datasheet
70Kb / 3P
   Schottky Barrier Diode, 500mA, 30V Type
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com