Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB07-03P Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części SB07-03P
Szczegółowy opis  30V, 700mA Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB07-03P Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  SB07-03P Datasheet HTML 1Page - Sanyo Semicon Device SB07-03P Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
33098HA (KT)/D288TA, TS No.2981-1/2
SB07-03P
Ordering number :EN2981A
30V, 700mA Rectifier
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Shottky Barrier Diode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
0
3
=0
3V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
0
7
=
5
5
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
1
=
0
8A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
CVR
z
H
M
1
=
f
,
V
0
1
=6
2F
p
e
m
i
T
y
r
e
v
r
o
c
e
R
e
s
r
e
v
e
Rr
r
tIF I
= R
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
,
A
m
0
0
1
=
0
1s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
a
-
j
h
t
R
0
1
3
)
2
(
a
-
j
h
t
R
0
2
1
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
3V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
n
o
NV
M
S
R
5
3V
t
n
e
r
r
u
C
t
u
p
t
u
O
e
g
a
r
e
v
AIO
0
0
7A
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
5A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1163A
[SB07-03P]
Electrical Characteristics at Ta = 25˚C
· Marking:SD
˚C
˚C
ttr Test Circuit
1:Anode
2:Cathode
3:No Contact
SANYO:PCP
Applications
· High frequency rectification (switching regulators,
converters, choppers).
Features
· Low forward voltage (VF max=0.55V).
· Fast reverse recorvery time (trr max=10ns).
· Low switching noise.
· Low leakage current and high reliability due to
highly reliable planar structure.
˚C/W
˚C/W
Mounted on 250mm2
×0.8mm ceramic board


Podobny numer części - SB07-03P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SB07-03P SANYO-SB07-03P Datasheet
31Kb / 3P
   30V, 700mA Rectifier
logo
ON Semiconductor
SB07-03P ONSEMI-SB07-03P Datasheet
322Kb / 6P
   Schottky Barrier Diode
September, 2013
logo
Sanyo Semicon Device
SB07-03P-TD-E SANYO-SB07-03P-TD-E Datasheet
425Kb / 6P
   30V, 700mA Rectifier
logo
ON Semiconductor
SB07-03P-TD-E ONSEMI-SB07-03P-TD-E Datasheet
322Kb / 6P
   Schottky Barrier Diode
September, 2013
logo
Sanyo Semicon Device
SB07-03P SANYO-SB07-03P_04 Datasheet
31Kb / 3P
   30V, 700mA Rectifier
More results

Podobny opis - SB07-03P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
SB07-03C SANYO-SB07-03C_07 Datasheet
64Kb / 3P
   30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
57Kb / 2P
   30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P_04 Datasheet
31Kb / 3P
   30V, 700mA Rectifier
SB07W03V SANYO-SB07W03V Datasheet
93Kb / 2P
   30V, 700mA Rectifier
SB07-03P SANYO-SB07-03P_12 Datasheet
425Kb / 6P
   30V, 700mA Rectifier
SB07-03N SANYO-SB07-03N Datasheet
107Kb / 2P
   30V, 700mA Rectifier
SB07W03P SANYO-SB07W03P Datasheet
54Kb / 2P
   30V, 700mA Rectifier
SB07-015C SANYO-SB07-015C Datasheet
51Kb / 2P
   15V, 700mA Rectifier
logo
ACE Technology Co., LTD...
ACE7430LA ACE-ACE7430LA Datasheet
189Kb / 3P
   30V, 1.5MHz, 700mA Step-Down Converter
VER 1.1
logo
Sanyo Semicon Device
FC810 SANYO-FC810 Datasheet
50Kb / 2P
   15V, 700mA Rectifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com