Zakładka z wyszukiwarką danych komponentów |
|
DL-3145S Arkusz danych(PDF) 1 Page - Optoway Technology Inc |
|
DL-3145S Arkusz danych(HTML) 1 Page - Optoway Technology Inc |
1 / 3 page Optoway DL-3100 ************************************************************************************************************************************************************** ************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 12/1/2007 V2.0 1310 nm DFB LASER DIODES DL-3100 SERIES MQW-DFB LASER DIODES ************************************************************************************************************************************************************** FEATURES ² Uncooled Laser Diode with Al-free MQW Structure ² High Reliability, Long Operation Life ² 5 mW CW Operation at 0 ºC ~ +70 ºC ² Single Frequency Operation with High SMSR ² Up to 2.5 Gb/s Operation ² Build-in InGaAs Monitor ² Flat Window Cap Package (DL-310XX) ² Aspherical Lens Cap Package (DL-312XX) ² 2 mm Ball Lens Cap Package (DL-314XX) APPLICATION Optical communication system DESCRIPTION DL-3100 series are MQW-DFB laser diodes that provide a durable, single frequency oscillation with emission wavelength of 1310 nm. DL-3100 series are hermetically sealed devices with the build-in photodiode for output monitoring. ELECTRICAL AND OPTICAL CHARACTERISTICS (Tc=25°C, Pop=5mW, unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Unit Ith Threshold Current CW 10 15 mA VOP Operating Voltage CW, Pop=5mW 1.2 1.5 V η Slope Efficiency Part No:DL-310XX DL-312XX DL-314XX CW, Pop=5mW 0.25 0.20 0.20 0.36 0.32 0.25 mW/mA λc Center Wavelength CW, Pop=5mW 1290 1310 1330 nm SMSR Side Mode Suppression Ratio CW, Pop=5mW 30 35 dB θ ∥ Beam Divergence (Parallel) CW, Flat Window 25 deg. θ⊥ Beam Divergence (Perpendicular) CW, Flat Window 35 deg. t r, t f Rise And Fall Times Part No:DL-31XX DL-31XXS IF=Ith, 20~ 80%, Pop=5mW 226 150 Ps Im PD Monitor Current CW,VRD=1V, Pop=5mW 50 1500 μA ID PD Dark Current VRD=5V 0.1 μA Ct PD Capacitance V RD=5V, f=1MHz 10 15 pF Pf Fiber Coupled Power Part No:DL-312XX DL-314XX CW, SM fiber, Pop=5mW 1.5 0.5 mW |
Podobny numer części - DL-3145S |
|
Podobny opis - DL-3145S |