Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DL-5120-C290 Arkusz danych(PDF) 2 Page - Optoway Technology Inc

Numer części DL-5120-C290
Szczegółowy opis  1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPTOWAY [Optoway Technology Inc]
Strona internetowa  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5120-C290 Arkusz danych(HTML) 2 Page - Optoway Technology Inc

  DL-5120-C290 Datasheet HTML 1Page - Optoway Technology Inc DL-5120-C290 Datasheet HTML 2Page - Optoway Technology Inc DL-5120-C290 Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Optoway
DL-5100-CXX0
********************************************************************************************************************************************************
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2007 V2.0
ABSOLUTE MAXIMUM RATINGS
(TC=25 ºC)
Symbol
Parameter
Ratings
Unit
Po
Optical Output Power
6
mW
VRL
LD Reverse Voltage
2
V
VRD
PD Reverse Voltage
15
V
IFD
PD Forward Current
2
mA
Topr
Operating Temperature
0 ~ 70
ºC
Tstg
Storage Temperature
-40 ~ +85
ºC
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
DL-510XX-CXX0
DL-514XX-CXX0
DL-512XX-CXX0
Note: Specifications subject to change without notice.


Podobny numer części - DL-5120-C290

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Optoway Technology Inc
DL-5120-C290 OPTOWAY-DL-5120-C290 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5120-C290 OPTOWAY-DL-5120-C290 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
More results

Podobny opis - DL-5120-C290

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Optoway Technology Inc
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
DL-5100S-CXX0 OPTOWAY-DL-5100S-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES 2.5 Gbps CWDM MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650_07 Datasheet
113Kb / 3P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
   1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100_07 Datasheet
120Kb / 3P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100 OPTOWAY-DL-5100 Datasheet
112Kb / 2P
   1550 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1650 OPTOWAY-DL-5100-1650 Datasheet
106Kb / 2P
   1650 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625 Datasheet
106Kb / 2P
   1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1490 OPTOWAY-DL-5100-1490 Datasheet
103Kb / 2P
   1490 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625_07 Datasheet
113Kb / 3P
   1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com