Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DL-3328AC-XXS Arkusz danych(PDF) 4 Page - Optoway Technology Inc

Numer części DL-3328AC-XXS
Szczegółowy opis  Uncooled 1310 nm MQW-DFB LD for CDMA wireless communication
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OPTOWAY [Optoway Technology Inc]
Strona internetowa  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-3328AC-XXS Arkusz danych(HTML) 4 Page - Optoway Technology Inc

  DL-3328AC-XXS Datasheet HTML 1Page - Optoway Technology Inc DL-3328AC-XXS Datasheet HTML 2Page - Optoway Technology Inc DL-3328AC-XXS Datasheet HTML 3Page - Optoway Technology Inc DL-3328AC-XXS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
DL-33X8AC
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/1/2008 V1.0
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2008/6/1


Podobny numer części - DL-3328AC-XXS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Optoway Technology Inc
DL-3328-HF OPTOWAY-DL-3328-HF Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3328-HFA OPTOWAY-DL-3328-HFA Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3328-HFAS OPTOWAY-DL-3328-HFAS Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3328-HFS OPTOWAY-DL-3328-HFS Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3328-HS OPTOWAY-DL-3328-HS Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
More results

Podobny opis - DL-3328AC-XXS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Optoway Technology Inc
DL-53X8AC OPTOWAY-DL-53X8AC Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD for CDMA wireless communication
DL-53X8AC-CXX0 OPTOWAY-DL-53X8AC-CXX0 Datasheet
82Kb / 4P
   Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CDMA wireless communication
DL-33X8AW OPTOWAY-DL-33X8AW Datasheet
93Kb / 4P
   Uncooled 1310 nm MQW-DFB LD forWide-Band CDMA application
DL-3338AR OPTOWAY-DL-3338AR Datasheet
92Kb / 4P
   Uncooled 1310 nm MQW-DFB LD for CATV return path application
DL-53X8AW OPTOWAY-DL-53X8AW Datasheet
92Kb / 4P
   Uncooled 1550 nm MQW-DFB LD forWide-Band CDMA application
DL-3500 OPTOWAY-DL-3500 Datasheet
133Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3340 OPTOWAY-DL-3340 Datasheet
94Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3500 OPTOWAY-DL-3500_09 Datasheet
93Kb / 5P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH RECEPTACLE
DL-3300 OPTOWAY-DL-3300_09 Datasheet
81Kb / 4P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
DL-3300 OPTOWAY-DL-3300 Datasheet
101Kb / 2P
   1310 nm DFB LASER DIODE MODULES UNCOOLED MQW DFB LD WITH PIGTAIL
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com