Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA22241-S14-T Arkusz danych(PDF) 6 Page - Unisonic Technologies

Numer części KA22241-S14-T
Szczegółowy opis  DUAL EQUALIZER AMPLIFIER WITH ALC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KA22241-S14-T Arkusz danych(HTML) 6 Page - Unisonic Technologies

  KA22241-S14-T Datasheet HTML 1Page - Unisonic Technologies KA22241-S14-T Datasheet HTML 2Page - Unisonic Technologies KA22241-S14-T Datasheet HTML 3Page - Unisonic Technologies KA22241-S14-T Datasheet HTML 4Page - Unisonic Technologies KA22241-S14-T Datasheet HTML 5Page - Unisonic Technologies KA22241-S14-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
KA22241
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R110-001,C
TYPICAL CHARACTERISTICS
Operating Current vs. Temperature
Ambient Temperature, Ta ( )
Maximum Output Voltage vs. Temperature
Ambient Temperature, Ta ( )
25
75
2.90
-25
50
2.65
0
2.80
2.75
2.70
2.85
VCC= 7V
25
75
6.4
-25
50
0
0
6.0
5.8
5.7
6.2
VOH
5.9
6.1
6.3
~
~
10
0
0.2
VOL
VCC=7V, RL=10kΩ
100
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Podobny numer części - KA22241-S14-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
KA22241 UTC-KA22241 Datasheet
37Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Wing Shing Computer Com...
KA22241 WINGS-KA22241 Datasheet
137Kb / 6P
   DUAL EQ AMP WITH ALC
logo
Samsung semiconductor
KA22241C SAMSUNG-KA22241C Datasheet
142Kb / 6P
   DUAL EQ AMP WITH ALC
More results

Podobny opis - KA22241-S14-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wuxi Youda electronics ...
YD22241 YOUDA-YD22241 Datasheet
83Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Unisonic Technologies
UTCKA22241 UTC-UTCKA22241 Datasheet
37Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Wuxi Youda electronics ...
YD3308F YOUDA-YD3308F Datasheet
77Kb / 3P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
List of Unclassifed Man...
KA2224 ETC-KA2224 Datasheet
155Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Samsung semiconductor
KA7226 SAMSUNG-KA7226 Datasheet
285Kb / 6P
   DUAL EQUALIZER AMPLIFIER WITH ALC
KA2220 SAMSUNG-KA2220 Datasheet
164Kb / 5P
   EQUALIZER AMPLIFIER WITH ALC
logo
Sanyo Semicon Device
LA3210 SANYO-LA3210 Datasheet
152Kb / 5P
   Equalizer Amplifier With ALC
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
   Dual equalizer amplifier with a built-in ALC circuit
logo
Sanyo Semicon Device
LA3220 SANYO-LA3220 Datasheet
277Kb / 8P
   2-Channel Equalizer Ampe With ALC
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com