Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI500U4BGB Arkusz danych(PDF) 1 Page - Sparkle Power Inc.

Numer części SPI500U4BGB
Szczegółowy opis  500 Watts ATX 12V, 1U Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPI [Sparkle Power Inc.]
Strona internetowa  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI500U4BGB Arkusz danych(HTML) 1 Page - Sparkle Power Inc.

  SPI500U4BGB Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 8A @ 115Vac, 4.0A @ 230Vac
Inrush Current: No Damage
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +50°C on full load;
storage & shipping: -20°C ~ +80°C
Humidity: 85% on operating, 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
2 second
Efficiency: Typical up to 90%
Rise time: Less than 20ms
Hold-up Time: 16 ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 220x100x40.5mm /8.66x3.9x 1.6
inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.1A
10A
20A
± 5%
50mV P-P
+5V
0.1A
10A
20A
± 5%
50mV P-P
+12V
1A
20A
40A
± 5%
120mV P-P
-12V
0A
0.25A
0.5A
± 10%
120mV P-P
+5Vsb
0A
1.75A
3.5A
± 5%
50mV P-P
*+3.3V and +5V total output not exceed 130W
* Total output for this subject power supply is 500W
SPI500U4BGB
(80PLUS Gold, RoHS Compliant)
500 Watts ATX 12V, 1U
Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
Complied with ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC (Restriction on
Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22 class B at 230Vac operation
Approved by : UL/CUL60950-1 2nd TUV EN60950-1 2nd, CB 60950-1 2nd ,
FCC, EMC


Podobny numer części - SPI500U4BGB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
SPI500U4BG SPI-SPI500U4BG Datasheet
58Kb / 1P
   500 Watts ATX 12V, 1U Switching Power Supply
More results

Podobny opis - SPI500U4BGB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
SPI500U4BG SPI-SPI500U4BG Datasheet
58Kb / 1P
   500 Watts ATX 12V, 1U Switching Power Supply
FSP500-701UP SPI-FSP500-701UP Datasheet
39Kb / 1P
   500 Watts ATX 12V, 1U, PM Bus, Switching Power Supply
FSP500-60GHC SPI-FSP500-60GHC Datasheet
262Kb / 1P
   500 Watts ATX12V Switching Power Supply
FSP250-701US SPI-FSP250-701US Datasheet
92Kb / 1P
   250 Watts ATX 12V, 1U Switching Power Supply
SPI500ACH8 SPI-SPI500ACH8 Datasheet
293Kb / 1P
   500 Watts ATX12V Switching Power Supply
FSP300-701US SPI-FSP300-701US Datasheet
36Kb / 1P
   300 Watts ATX 12V, 1U Switching Power Supply
FSP400-701US SPI-FSP400-701US Datasheet
36Kb / 1P
   400 Watts ATX 12V, 1U Switching Power Supply
SPI500W7BG SPI-SPI500W7BG Datasheet
40Kb / 1P
   500 Watts ATX 12V, 2U Switching Power Supply
FSP500-502UN SPI-FSP500-502UN Datasheet
96Kb / 1P
   500 Watts ATX 12V, 2U Switching Power Supply
FSP500-702UN SPI-FSP500-702UN Datasheet
40Kb / 1P
   500 Watts ATX 12V, 2U Switching Power Supply
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com