Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FFPF10H60S Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FFPF10H60S
Szczegółowy opis  Power Factor Correction Converter Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF10H60S Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button FFPF10H60S Datasheet HTML 3Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 4Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 5Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 6Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 7Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 8Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 9Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 10Page - Fairchild Semiconductor FFPF10H60S Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AN-6982
APPLICATION NOTE
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0 • 6/8/10
7
[STEP-1] Frequency Setting
The switching frequency is determined by the timing
resistor and capacitor (RT and CT) as:
1
0.56
⋅⋅
SW
TT
f
R C
(8)
The timing capacitor value determines the maximum duty
cycle of PFC gate drive signal as:
.
1
1 360
DEAD
MAX PFC
T
SW
SW
t
D
Cf
t
=−
= −
(9)
It is typical to use a 470pF~1nF capacitor for 50~75kHz
switching frequency operation, such that maximum duty
cycle of 99~98% is obtained.
(Design Example)
Since the switching frequency is
65kHz, CT is selected as 1nF to obtain maximum duty
cycle as:
.
1 360
0.98
MAX PFC
T
SW
DC
f
=−
=
Then, the timing resistor is determined as:
1
27
0.56
==
Ω
T
SW
T
R
k
fC
[STEP-2] Line Sensing Circuit Design
FAN6982 senses the RMS value and instantaneous value of
line voltage using the VRMS and IAC pins, respectively, as
shown in Figure 14. The RMS value of the line voltage is
obtained by an averaging circuit using low-pass filter with
two poles. Meanwhile, the instantaneous line voltage
information is obtained by sensing the current flowing into
the IAC pin through RIAC.
RMS
IN
V
V
Figure 14. Line-Sensing Circuits
RMS sensing circuit should be designed considering the
nominal operation range of line voltage and brownout
protection trip point as:
3
.
12
3
2
2
RMS
RMS UVL
LINE BO
RMS
RMS
RMS
R
VV
RR
R
π
=
++
(10)
3
.
12
3
2
RMS
RMS UVH
LINE MIN
RMS
RMS
RMS
R
VV
RR
R
<
++
(11)
where VRMS-UVL and VRMS-UVH are the brownout/in
thresholds of VRMS.
It is typical to set RRMS2 as 10% of RRMS1. The poles of the
low-pass filter are given as:
1
12
1
2
P
RMS
RMS
f
CR
π
⋅⋅
(12)
2
23
1
2
P
RMS
RMS
f
CR
π
⋅⋅
(13)
To properly attenuate the twice line frequency ripple in
VRMS, it is typical to set the poles around 10~20Hz.
The resistor RIAC should be large enough to prevent
saturation of the gain modulator as:
.
2
159
MAX
LINE BO
IAC
V
GA
R
μ
⋅<
(14)
where VLINE.BO is the brownout protection line voltage,
GMAX is the maximum modulator gain when VRMS is 1.08V
(which is typically 9 as can be found in the datasheet), and
159µA is the maximum output current of the gain
modulator.
(Design Example)
The brownout protection thresholds
are 1.05V (VRMS-UVL) and 1.9V (VRMS-UVH), respectively.
Then, the scaling down factor of the voltage divider is:
3
12
3
.
22
1.05
0.0162
72 22
RMS
RMS UVL
RMS
RMS
RMS
LINE BO
RV
RR
R
V
π
π
=⋅
++
=⋅
=
The startup of the PFC controller at the minimum line
voltage is checked as:
.3
12
3
2
85
2 0.0162 1.95 1.9
LINE MIN
RMS
RMS
RMS
RMS
VR
V
RR
R
=⋅
=
>
++
The resistors of the voltage divider network are selected
as RRMS1=2MΩ, RRMS2=200kΩ, and RRMS3=36kΩ.
To place the poles of the low-pass filter at 15Hz and
22Hz, the capacitors are obtained as:
1
3
12
11
53
2
2 15 200 10
RMS
PRMS
CnF
fR
ππ
==
=
⋅⋅
⋅ ⋅
×
2
3
23
11
200
2
2
22 36 10
RMS
PRMS
CnF
fR
ππ
≅=
=
⋅⋅
⋅ ×
The condition for Resistor RIAC is:
.
66
2
272 9
5.8
159 10
159 10
MAX
LINE BO
IAC
V
R
GM
−−
⋅⋅
>⋅
=
=
Ω
××
Therefore, 6M
Ω resistor is selected for RIAC.


Podobny numer części - FFPF10H60S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FFPF10H60S FAIRCHILD-FFPF10H60S Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
FFPF10H60S FAIRCHILD-FFPF10H60S Datasheet
130Kb / 5P
   Hyperfast 2 Rectifier
FFPF10H60S FAIRCHILD-FFPF10H60S Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FFPF10H60STU FAIRCHILD-FFPF10H60STU Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
FFPF10H60STU FAIRCHILD-FFPF10H60STU Datasheet
130Kb / 5P
   Hyperfast 2 Rectifier
More results

Podobny opis - FFPF10H60S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
AN4107 FAIRCHILD-AN4107 Datasheet
491Kb / 14P
   Design of Power Factor Correction
AN-6026 FAIRCHILD-AN-6026 Datasheet
352Kb / 23P
   Design of Power Factor Correction Circuit
AN4121 FAIRCHILD-AN4121 Datasheet
130Kb / 22P
   Design of Power Factor Correction Circuit
AN-6027 FAIRCHILD-AN-6027 Datasheet
422Kb / 16P
   Design of Power Factor Correction Circuit
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
   Power Factor Correction
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com