Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K0900Y Arkusz danych(PDF) 4 Page - Littelfuse

Numer części K0900Y
Szczegółowy opis  SIDACs feature glass-passivated junctions to ensure a rugged and dependable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K0900Y Arkusz danych(HTML) 4 Page - Littelfuse

  K0900Y Datasheet HTML 1Page - Littelfuse K0900Y Datasheet HTML 2Page - Littelfuse K0900Y Datasheet HTML 3Page - Littelfuse K0900Y Datasheet HTML 4Page - Littelfuse K0900Y Datasheet HTML 5Page - Littelfuse K0900Y Datasheet HTML 6Page - Littelfuse K0900Y Datasheet HTML 7Page - Littelfuse K0900Y Datasheet HTML 8Page - Littelfuse K0900Y Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
316
Revised:December21,2010 02:40PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
Figure 7: Normalized DC Holding Current
vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
110
Junction Temperature (T
J) -- °C
125
80
90
100
110
120
130
0.0
0.2
0.4
0.6
0.8
1.01.2
CURRENT WAVEFORM: Sinusoidal - 60Hz
LOAD: Resistive or Inductive
Kxxx0G
Kxxx0S
Kxxx0E
Kxxx2G
RMS On-State Current [I
T(RMS)] - Amps
Figure 8: Maximum Allowable Case Temperature
vs. RMS On-State Current
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
CURRENT WAVEFORM: Sinusoidal - 60Hz
LOAD: Resistive or Inductive
FREE AIR RATING
Kxxx0G
Kxxx0S
Kxxx0E
Kxxx2G
RMS On-State Current [I
T(RMS)] - Amps
25
Figure 9: Maximum Allowable Ambient Temperature vs.
RMS On-State Current
1
10
20
30
40
50
60
70
80
90
100
110
120
130
Junction Temperature (T
J) -- °C
Figure 10: Normalized Repetitive Peak Breakover
Current (I
BO) vs. Junction Temperature
100-250 V ac
60 Hz
Scope
Push to test
S1
Switch to test
in each direction
100 Ω
1%
Device
Under
Test
S1
Scope Indication
Trace Stops
IH
IPK
Figure 11: Dynamic Holding Current Test Circuit for
SIDACs
Figure 12: Basic SIDAC Circuit
Load
100-250 Vac
60 Hz
IH
VBO
120-145
˚
Conduction
Angle
IH
IH
Load Current
VBO
VBO


Podobny numer części - K0900Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
K0900Y LITTELFUSE-K0900Y Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K0900yURP LITTELFUSE-K0900yURP Datasheet
840Kb / 9P
   RoHS Compliant
More results

Podobny opis - K0900Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Luguang Electr...
1N4933GL LUGUANG-1N4933GL Datasheet
1Mb / 2P
   Glass Passivated Junctions
logo
First Silicon Co., Ltd
MB2M FS-MB2M Datasheet
196Kb / 2P
   Glass passivated chip junctions
logo
Fairchild Semiconductor
SS22-S210 FAIRCHILD-SS22-S210 Datasheet
41Kb / 3P
   Glass passivated junctions
logo
Diode Semiconductor Kor...
1N4933GL DSK-1N4933GL Datasheet
276Kb / 2P
   GLASS PASSIVATED JUNCTIONS
logo
Bruckewell Technology L...
B1S-B10S BWTECH-B1S-B10S Datasheet
418Kb / 4P
   Glass passivated chip junctions.
MB1S BWTECH-MB1S Datasheet
355Kb / 4P
   Glass passivated chip junctions.
logo
Mospec Semiconductor
F10C05 MOSPEC-F10C05 Datasheet
220Kb / 2P
   Glass Passivated chip junctions
logo
Gaomi Xinghe Electronic...
MB1S-10S GXELECTRONICS-MB1S-10S Datasheet
842Kb / 2P
   Glass passivated chip junctions
logo
First Silicon Co., Ltd
MB6S FS-MB6S Datasheet
201Kb / 2P
   Glass passivated chip junctions
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
   SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com