Zakładka z wyszukiwarką danych komponentów |
|
FSBH0270NY_F116 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor |
|
FSBH0270NY_F116 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor |
5 / 16 page © 2010 Fairchild Semiconductor Corporation www.fairchildsemi.com FSBH0F70A_F116, FSBH0170/0270/0370_F116 • Rev. 1.0.1 5 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Symbol Parameter Min. Max. Unit VDRAIN Drain Pin Voltage (5,6) FSBH0x70/A_F116 700 V IDM Drain Current Pulsed (7) FSBH0F70A_F116 1.5 A FSBH0170_F116 4.0 FSBH0270_F116 8.0 FSBH0370_F116 12.0 EAS Single Pulsed Avalanche Energy (8) FSBH0F70A_F116 10 mJ FSBH0170_F116 50 FSBH0270_F116 140 FSBH0370_F116 230 VDD DC Supply Voltage 30 V VFB FB Pin Input Voltage -0.3 7.0 V VIN VIN Pin Input Voltage -0.3 7.0 V VHV HV Pin Input Voltage 700 V PD Power Dissipation (TA<50°C) 1.5 W ΘJA Junction-to-Air Thermal Resistance 80 C/W ψJT Junction-to-Top Thermal Resistance (9) 20 C/W TJ Operating Junction Temperature Internally limited (10) C TSTG Storage Temperature Range -55 +150 C TL Lead Temperature (Wave Soldering or IR, 10 Seconds) +260 C ESD Human Body Model (All Pins Except HV pin): JESD22-A114 FSBH0F70A_F116 5.0 kV FSBH0170_F116 5.0 FSBH0270_F116 5.0 FSBH0370_F116 5.0 Charged Device Model (All Pins Except HV pin): JESD22-C101 FSBH0F70A_F116 2.0 FSBH0170_F116 2.0 FSBH0270_F116 2.0 FSBH0370_F116 1.5 Notes : 5. All voltage values, except differential voltages, are given with respect to the network ground terminal. 6. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. 7. Non-repetitive rating: pulse width is limited by maximum junction temperature. 8. L = 51mH, starting TJ = 25C. 9. Measured on the package top surface. 10. Internally Limited of TJ refers to TOTP Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings. Symbol Parameter Min. Max. Unit TA Operating Ambient Temperature -40 +105 °C |
Podobny numer części - FSBH0270NY_F116 |
|
Podobny opis - FSBH0270NY_F116 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |