Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC78MXX Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części MC78MXX
Szczegółowy opis  3-Terminal 0.5A Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC78MXX Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  MC78MXX Datasheet HTML 1Page - Fairchild Semiconductor MC78MXX Datasheet HTML 2Page - Fairchild Semiconductor MC78MXX Datasheet HTML 3Page - Fairchild Semiconductor MC78MXX Datasheet HTML 4Page - Fairchild Semiconductor MC78MXX Datasheet HTML 5Page - Fairchild Semiconductor MC78MXX Datasheet HTML 6Page - Fairchild Semiconductor MC78MXX Datasheet HTML 7Page - Fairchild Semiconductor MC78MXX Datasheet HTML 8Page - Fairchild Semiconductor MC78MXX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC78MXX/LM78MXX
4
Electrical Characteristics (MC78M08) (Continued)
(Refer to the test circuits, 0 < TJ < +125°C, IO=350mA, VI=14V, unless otherwise specified, CI = 0.33μF, CO=0.1μF)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ =+25°C
7.7
8
8.3
V
IO = 5mA to 350mA
VI = 10.5V to 23V
7.6
8
8.4
Line Regulation (Note1)
ΔVO
IO = 200mA
TJ =+25°C
VI = 10.5V to 25V
-
-
100
mV
VI = 11V to 25V
-
-
50
Load Regulation (Note1)
ΔVO
IO = 5mA to 0.5A, TJ =+25°C
-
-
160
mV
IO = 5mA to 200mA, TJ =+25°C-
-
80
Quiescent Current
IQ
TJ = +25°C-
4.0
6.0
mA
Quiescent Current Change
ΔIQ
IO = 5mA to 350mA
-
-
0.5
mA
IO = 200mA
VI = 10.5V to 25V
--
0.8
Output Voltage Drift
RR
IO = 5mA
TJ = 0 to +125°C
-
−0.5
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz
-
52
-
μV/Vo
Ripple Rejection
RR
f = 120Hz, IO = 300mA
VI = 11.5V to 21.5V, TJ =+25 °C
-80
-
dB
Dropout Voltage
VD
TJ = +25°C, IO = 500mA
-
2
-
V
Short Circuit Current
ISC
TJ = +25°C, VI = 35V
-
300
-
mA
Peak Current
IPK
TJ = +25°C
-
700
-
mA


Podobny numer części - MC78MXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
ON Semiconductor
MC78MXX/A ONSEMI-MC78MXX/A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Podobny opis - MC78MXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com