Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P0080Q12ALRP Arkusz danych(PDF) 4 Page - Littelfuse

Numer części P0080Q12ALRP
Szczegółowy opis  Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0080Q12ALRP Arkusz danych(HTML) 4 Page - Littelfuse

  P0080Q12ALRP_11 Datasheet HTML 1Page - Littelfuse P0080Q12ALRP_11 Datasheet HTML 2Page - Littelfuse P0080Q12ALRP_11 Datasheet HTML 3Page - Littelfuse P0080Q12ALRP_11 Datasheet HTML 4Page - Littelfuse P0080Q12ALRP_11 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SIDACtor® ProtectionThyristors
61
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.114
0.122
2.900
3.100
B
0.114
0.122
2.900
3.100
C
0.075
0.083
1.900
2.100
E
0.011
0.019
0.285
0.485
F
0.076
0.084
1.930
2.130
H
0.035
0.043
0.900
1.100
J
0.000
0.008
0.000
0.200
K1
0.004
0.012
0.100
0.300
K2
0.004
0.012
0.100
0.300
M1
0.056
0.064
1.430
1.630
M2
0.038
0.046
0.970
1.170
N1
0.096
0.104
2.440
2.640
N2
0.082
0.090
2.080
2.280
2.54
(.100”)
H
1.50
(.059”)
1.27
(.050”)
K1
N2
N1
END VIEW
SIDE VIEW
M2
M1
K2
F
E
C
J
B
A
TOP VIEW
BOTTOM VIEW
Recommended
Soldering Pad Outline
(Reference Only)
Dimensions — 3x3 QFN
Physical Specifications
Environmental Specifications
Lead Material
Copper Alloy
Terminal Finish
100% Matte-Tin Plated
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
Part Numbering
CONSTRUCTION
VARIABLE
REEL PACK
IPP RATING
PACKAGE TYPE
RoHS COMPLIANT
TYPE
P = SIDACtor
Q12 x L RP
MEDIAN VOLTAGE
P xxx 0
Part Marking Code
(Refer to Electrical CharacteristicsTable)
Date code
XXXXX
XXXX
Terminals on Back
XXXX
XXXXX
Part Marking
High Temp Voltage
Blocking
80% Rated V
DRM (VAC Peak
504 or 1008 hrs. MIL-STD-750 (Method 1040)
JEDEC, JESD22-A-101
Temp Cycling
cycles. MIL-STD-750 (Method 1051) EIA/JEDEC,
JESD22-A104
Biased Temp &
Humidity
52 V
DC
JEDEC, JESD22-A-101
High Temp Storage
JEDEC, JESD22-A-101
Low Temp Storage
-65°C, 1008 hrs.
Thermal Shock
10 cycles. MIL-STD-750 (Method 1056) JEDEC,
JESD22-A-106
Resistance to Solder
Heat
Moisture Sensitivity
Level
Package
Type
Description
Quantity
Added
Suffix
Industry
Standard
Q12
3x3 QFN Tape and Reel Pack
5000
RP
EIA-481-D
Packing Options


Podobny numer części - P0080Q12ALRP_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP Datasheet
421Kb / 4P
   Q2L Series SIDACtor Device
More results

Podobny opis - P0080Q12ALRP_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP_11 Datasheet
135Kb / 4P
   Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0642SALRP LITTELFUSE-P0642SALRP Datasheet
142Kb / 5P
   TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com