Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QXX16RH3 Arkusz danych(PDF) 8 Page - Littelfuse

Numer części QXX16RH3
Szczegółowy opis  15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX16RH3 Arkusz danych(HTML) 8 Page - Littelfuse

  QXX16RH3 Datasheet HTML 1Page - Littelfuse QXX16RH3 Datasheet HTML 2Page - Littelfuse QXX16RH3 Datasheet HTML 3Page - Littelfuse QXX16RH3 Datasheet HTML 4Page - Littelfuse QXX16RH3 Datasheet HTML 5Page - Littelfuse QXX16RH3 Datasheet HTML 6Page - Littelfuse QXX16RH3 Datasheet HTML 7Page - Littelfuse QXX16RH3 Datasheet HTML 8Page - Littelfuse QXX16RH3 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
114
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Qxx15xx & Qxx16xHx Series
Product Selector
Part Number
Voltage
Gate Sensitivity Quadrants
Type
Package
400V 600V 800V 1000V
I – II – III
Qxx15L5
X
X
X
X
50 mA
Standard Triac
TO-220L
Qxx15R5
X
X
X
X
50 mA
Standard Triac
TO-220R
Qxx15N5
X
X
X
X
50 mA
Standard Triac
TO-263 D²-PAK
Qxx16LH2
X
X
X
X
10 mA
Alternistor Triac
TO-220L
Qxx16RH2
X
X
X
X
10 mA
Alternistor Triac
TO-220R
Qxx16NH2
X
X
X
X
10 mA
Alternistor Triac
TO-263 D²-PAK
Qxx16LH3
X
X
X
X
20 mA
Alternistor Triac
TO-220L
Qxx16RH3
X
X
X
X
20 mA
Alternistor Triac
TO-220R
Qxx16NH3
X
X
X
X
20 mA
Alternistor Triac
TO-263 D²-PAK
Qxx16LH4
X
X
X
X
35 mA
Alternistor Triac
TO-220L
Qxx16RH4
X
X
X
X
35 mA
Alternistor Triac
TO-220R
Qxx16NH4
X
X
X
X
35 mA
Alternistor Triac
TO-263 D²-PAK
Qxx16LH6
X
X
X
X
80 mA
Alternistor Triac
TO-220L
Qxx16RH6
X
X
X
X
80 mA
Alternistor Triac
TO-220R
Qxx16NH6
X
X
X
X
80 mA
Alternistor Triac
TO-263 D²-PAK
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Qxx15L/Ry
Qxx15L/Ry
2.2 g
Bulk
500
Qxx15L/RyTP
Qxx15L/Ry
2.2 g
Tube Pack
500 (50 per tube)
Qxx15NyTP
Qxx15Ny
1.6 g
Tube
500 (50 per tube)
Qxx15NyRP
Qxx15Ny
1.6 g
Embossed Carrier
500
Qxx16L/RHy
Qxx16L/RHy
2.2 g
Bulk
500
Qxx16L/RHyTP
Qxx16L/RHy
2.2 g
Tube Pack
500 (50 per tube)
Qxx16NHyTP
Qxx16NHy
1.6 g
Tube
500 (50 per tube)
Qxx16NHyRP
Qxx16NHy
1.6 g
Embossed Carrier
500
Note: xx = Voltage; y = Sensitivity


Podobny numer części - QXX16RH3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXX16RH3 LITTELFUSE-QXX16RH3 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Qxx16RH3 LITTELFUSE-Qxx16RH3 Datasheet
939Kb / 9P
   RoHS Compliant
More results

Podobny opis - QXX16RH3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com