Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QXX10LTH Arkusz danych(PDF) 4 Page - Littelfuse

Numer części QXX10LTH
Szczegółowy opis  The Quadrac is an internally triggered Triac designed for AC switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX10LTH Arkusz danych(HTML) 4 Page - Littelfuse

  QXX10LTH Datasheet HTML 1Page - Littelfuse QXX10LTH Datasheet HTML 2Page - Littelfuse QXX10LTH Datasheet HTML 3Page - Littelfuse QXX10LTH Datasheet HTML 4Page - Littelfuse QXX10LTH Datasheet HTML 5Page - Littelfuse QXX10LTH Datasheet HTML 6Page - Littelfuse QXX10LTH Datasheet HTML 7Page - Littelfuse QXX10LTH Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
158
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
4 / 6 / 8 / 10 / 15 Amp Quadracs
QxxxxLTx Series
Figure 1: Normalized DC Holding Current
vs. Junction Temperature
Junction Temperature (T
J) -- °C
125
0.0
0.5
1.0
1.5
2.0
-40-15
10
35
60
85
110
Figure 2: On-State Current vs. On-State Voltage
(Typical) (4A)
T
J = 25°C
0
2
4
6
8
10
12
14
16
0.70.8
0.91.0
1.11.2
1.31.4
1.51.6
Instantaneous On-state Voltage (v
T) – Volts
Qxx04LT
T
J = 25°C
0
5
10
15
20
25
30
35
40
45
50
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Instantaneous On-state Voltage (v
T) – Volts
Qxx06LT/Qxx06LTH
Qxx08LT/Qxx08LTH
Qxx10LT/Qxx10LTH
Qxx15LT
Qxx15LTH
0
2
4
6
8
10
12
14
16
18
0246
810121416
RMS On-State Current [I
T(RMS)] - (Amps)
Qxx15LT
Qxx15LTH
Qxx06LT/Qxx06LTH
Qxx08LT/Qxx08LTH
Qxx10LT/Qxx10LTH
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.00.5
1.01.5
2.02.5
3.03.5
4.0
RMS On-State Current [I
T(RMS)] - (Amps)
Qxx04LT
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
70
80
90
100
110
120
130
02
46
810121416
RMS On-State Current [I
T(RMS)] - Amps
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180°
Qxx15LT
Qxx15LTH
Qxx10LT
Qxx10LTH
Qxx08LT
Qxx08LTH
Qxx06LT
Qxx06LTH
Qxx04LT
Figure 3: On-State Current vs. On-State Voltage
(Typical) (6A to 15A)
Figure 5: Power Dissipation vs. RMS On-State Current
(Typical) (6A to 15A)
Figure 4: Power Dissipation vs. RMS On-State
Current (Typical) (4A)
Figure 6: Maximum Allowable Case Temperature
vs. RMS On-State Current


Podobny numer części - QXX10LTH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX10L5 LITTELFUSE-QXX10L5 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX10LH5 LITTELFUSE-QXX10LH5 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
More results

Podobny opis - QXX10LTH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXXXXLTX LITTELFUSE-QXXXXLTX Datasheet
762Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching and phase control applications
logo
NTE Electronics
NTE5646 NTE-NTE5646 Datasheet
18Kb / 2P
   TRIAC - Internally Triggered
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
HQ6025RH5 LITTELFUSE-HQ6025RH5 Datasheet
237Kb / 8P
   25Amp bi-directional Alternistor Triac is designed for AC switching and phase
logo
PHOENIX CONTACT
2702495 PHOENIX-2702495 Datasheet
92Kb / 4P
   The terminal is designed for use within an Inline station.
2702792 PHOENIX-2702792 Datasheet
92Kb / 5P
   The terminal is designed for use within an Inline station.
2702825 PHOENIX-2702825 Datasheet
95Kb / 5P
   The terminal is designed for use within an Inline station.
2702498 PHOENIX-2702498 Datasheet
101Kb / 5P
   The terminal is designed for use within an Inline station.
2702793 PHOENIX-2702793 Datasheet
94Kb / 5P
   The terminal is designed for use within an Inline station.
2701162 PHOENIX-2701162 Datasheet
85Kb / 4P
   The terminal is designed for use within an Inline station.
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com