Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QXX16LRHY Arkusz danych(PDF) 4 Page - Littelfuse

Numer części QXX16LRHY
Szczegółowy opis  15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX16LRHY Arkusz danych(HTML) 4 Page - Littelfuse

  QXX16LRHY Datasheet HTML 1Page - Littelfuse QXX16LRHY Datasheet HTML 2Page - Littelfuse QXX16LRHY Datasheet HTML 3Page - Littelfuse QXX16LRHY Datasheet HTML 4Page - Littelfuse QXX16LRHY Datasheet HTML 5Page - Littelfuse QXX16LRHY Datasheet HTML 6Page - Littelfuse QXX16LRHY Datasheet HTML 7Page - Littelfuse QXX16LRHY Datasheet HTML 8Page - Littelfuse QXX16LRHY Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
110
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Qxx15xx & Qxx16xHx Series
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
+125
0.0
1.0
2.0
3.0
4.0
-65
-40
-15
10
35
60
85
100
Junction Temperature (T
J) - ºC
Figure 4: Normalized DC Gate Trigger Voltage for
All Quadrants vs. Junction Temperature
+125
0.0
0.5
1.0
1.5
2.0
-65
-40
-15
10
35
60
85
100
Junction Temperature (T
J) - ºC
0
2
4
6
8
10
12
14
16
18
RMS On-State Current [I
T(RMS)] - AMPS
0
2
4
6
8
10
12
14
16
18
Figure 5: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. On-State Current (15A devices)
Qxx15L5
Qxx15R5
Qxx15N5
60
70
80
90
100
110
120
130
0
5
10
15
RMS On-State Current [I
T(RMS)] - AMPS
o
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
CASE TEMPERATURE: Measured as shown
on dimensional drawing
Figure 8: Maximum Allowable Ambient Temperature
vs. On-State Current
20
30
40
50
60
70
80
90
100
110
120
RMS On-State Current [I
T(RMS)] - AMPS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
CASE TEMPERATURE: Measured as shown
on dimensional drawing
Qxx15Ry
Qxx15L
Qxx16RHy
Qxx16LHy
Figure 7: Maximum Allowable Case Temperature
vs. On-State Current (16A devices)
Qxx16LHy
Qxx16RHy
Qxx16NHy
60
70
80
90
100
110
120
130
0
5
10
15
20
RMS On-State Current [I
T(RMS)] - AMPS
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
CASE TEMPERATURE: Measured as shown
on dimensional drawing


Podobny numer części - QXX16LRHY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXX16LH2 LITTELFUSE-QXX16LH2 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Qxx16LH2 LITTELFUSE-Qxx16LH2 Datasheet
939Kb / 9P
   RoHS Compliant
QXX16LH3 LITTELFUSE-QXX16LH3 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
Qxx16LH3 LITTELFUSE-Qxx16LH3 Datasheet
939Kb / 9P
   RoHS Compliant
QXX16LH4 LITTELFUSE-QXX16LH4 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results

Podobny opis - QXX16LRHY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com