Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLPGE19TP Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLPGE19TP
Szczegółowy opis  Panel Circuit Indicator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPGE19TP Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLPGE19TP_09 Datasheet HTML 1Page - Toshiba Semiconductor TLPGE19TP_09 Datasheet HTML 2Page - Toshiba Semiconductor TLPGE19TP_09 Datasheet HTML 3Page - Toshiba Semiconductor TLPGE19TP_09 Datasheet HTML 4Page - Toshiba Semiconductor TLPGE19TP_09 Datasheet HTML 5Page - Toshiba Semiconductor TLPGE19TP_09 Datasheet HTML 6Page - Toshiba Semiconductor TLPGE19TP_09 Datasheet HTML 7Page - Toshiba Semiconductor TLPGE19TP_09 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TL(PGE,FGE,GE,PYE)19TP(F)
2009-12-04
3
Electrical and Optical Characteristics (Ta = 25°C)
Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse
Current
IR
λd
λP
Δλ
Product Name
Min
Typ.
Max
Typ.
Typ.
IF
Min
Typ.
IF
Min
Typ.
IF
Max
IF
TLPGE19TP(F)
558
564
562
14
20
153
500
20
2.1
2.4
20
50
4
TLFGE19TP(F)
559
565
570
568
15
20
272
800
20
2.0
2.4
20
50
4
TLGE19TP(F)
565
571
576
574
17
20
476
1300
20
2.0
2.4
20
50
4
TLPYE19TP(F)
574
580
586
583
14
20
476
2000
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
V
mA
μA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.


Podobny numer części - TLPGE19TP_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLPGE19TPF TOSHIBA-TLPGE19TPF Datasheet
234Kb / 7P
   Panel Circuit Indicator
More results

Podobny opis - TLPGE19TP_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com