Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK740-411 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części STK740-411
Szczegółowy opis  5V/5A Single Output Separate Excitation Chopper Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK740-411 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  STK740-411 Datasheet HTML 1Page - Sanyo Semicon Device STK740-411 Datasheet HTML 2Page - Sanyo Semicon Device STK740-411 Datasheet HTML 3Page - Sanyo Semicon Device STK740-411 Datasheet HTML 4Page - Sanyo Semicon Device STK740-411 Datasheet HTML 5Page - Sanyo Semicon Device STK740-411 Datasheet HTML 6Page - Sanyo Semicon Device STK740-411 Datasheet HTML 7Page - Sanyo Semicon Device STK740-411 Datasheet HTML 8Page - Sanyo Semicon Device STK740-411 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Thick Film Hybrid IC
5V/5A Single Output Separate Excitation
Chopper Regulator
Ordering number:EN*6107
STK740-470
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
63099RM (KT) No.6107–1/10
1
12
46.6
41.2
(6.63)
11
×2.54=27.94
3.6
0.5
2.54
8.5
0.4
2.9
Package Dimensions
unit:mm
4170-SIP28
[STK740-470]
SANYO : SIP-28
Preliminary
Overview
The STK740-470 is a separate-excitation step-down
chopper regulator hybrid IC for the secondstage circuit.
This IC incorporates in the package all the necessary
circuits for a chopper regulator including power switch,
error amplifier, soft start, shutdown type output short
protection, low-voltage malfunction prevention, on/off,
and snubber circuits. Therefore, external components
required are input and output capacitors and a choke coil
only and this allows this IC to be used to construct a
large-current (5A) chopper regulator as if a 3-pin regula-
tor were used. DC8V to 18V input voltage can be
handled and up to 5A of output current is supported.
Applications
• Local power supply for the equipment of which input
rating is DC9V to 15V.
Features
• Adoption of Sanyo IMST ; Insulated Metal Substrate
Technology, allows the circuit to be operated without
using a heat sink (see “No Fin Output Current Derat-
ing” chart in the page 6).
• Typical efficiency of 90% at DC 12V input, 2.5A
output.
• Fine adjustment of output voltage enable.
• 50 kHz operating frequency.
• Low-RON resistance power MOSFET adopted.
• Low-VF Schottky barrier diode adopted.


Podobny numer części - STK740-411

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK740-411 SANYO-STK740-411 Datasheet
132Kb / 10P
   3.3V/5A Single Output Separate Excitation Chopper Regulator
More results

Podobny opis - STK740-411

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK740-441 SANYO-STK740-441 Datasheet
132Kb / 10P
   3.3V/5A Single Output Separate Excitation Chopper Regulator
logo
Sanken electric
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
STA810M SANKEN-STA810M Datasheet
445Kb / 3P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8010Y SANKEN-SI-8010Y Datasheet
69Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator
logo
Sanyo Semicon Device
STK731B SANYO-STK731B Datasheet
160Kb / 6P
   12V Single Output MOS Chopper Regulator?
logo
Sanken electric
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
   Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com