Zakładka z wyszukiwarką danych komponentów |
|
STK740-480 Arkusz danych(PDF) 2 Page - Sanyo Semicon Device |
|
STK740-480 Arkusz danych(HTML) 2 Page - Sanyo Semicon Device |
2 / 10 page STK740-441 No.6106–2/10 Electrical Characteristics at Tc = 25˚C, in the specified circuit, VIN = 5V, IO = 1A, unless othrwise specified Specifications Maximum Ratings at Ta = 25˚C, Tc = 25˚C, unless otherwise specified. ˚C ˚C Recommended Operating Conditions at Ta = 25˚C Series Construction This product is listed in a product series due to its property such as output voltage, output current, package, and other similar items. Since some prducts listed in the table below is under development, please refer to your Sanyo sales representative for details. Type number Input voltage 4 to 8V 4 to 8V 4 to 8V 8 to 18V 2.5V 2.5V 3.3V 5.0V Output voltage Output current Package dimensions (output pins not included) STK740-411 STK740-420 STK740-441 STK740-450 STK740-471 STK740-470 STK740-480 STK740-490 ∗ ∗ 26 × 37 × 4.5mm,12pins 25.5 × 46.6 × 8.5mm,12pins 26 × 37 × 4.5mm,12pins 25.5 × 46.6 × 8.5mm,12pins 26 × 37 × 4.5mm,12pins 25.5 × 46.6 × 8.5mm,12pins 25.5 × 46.6 × 8.5mm,12pins 25.5 × 46.6 × 8.5mm,12pins 5A 10A 5A 10A 5A 5A 10A 15A r e t e m a r a Pl o b m y Ss n o i t i d n o Cs g n i t a Rt i n U e r u t a r e p m e t e t a r t s b u s C I g n i t a r e p Ox a m c T 5 0 1 + e r u t a r e p m e t g n i t a r e p Or p o T 5 8 + o t 0 1 – e r u t a r e p m e t e g a r o t Sg t s T 5 1 1 + o t 0 3 – e g a t l o v t u p n i C DV N I x a m2 1 d n a , 1 1 , 6 s n i P 0 1V ˚C r e t e m a r a Pl o b m y Ss n o i t i d n o Cs g n i t a Rt i n U e r u t a r e p m e t e t a r t s b u s C I g n i t a r e p Oc T 5 8 + o t 0 e g a t l o v t u p n i C DV N I t i u c r i c d e d n e m m o c e r e h t n I 5 . 6 o t 5 . 4V t n e r r u c d a o Lo It i u c r i c d e d n e m m o c e r e h t n I 5 o t 1A ˚C r e t e m a r a Pl o b m y Ss n o i t i d n o C s g n i t a R t i n U n i mp y tx a m e g a t l o v t u p t u Oo V2 . 33 . 34 . 3V n o i t a l u g e r d a o L ∆ O V A 5 o t A 1 = o I 0 5V m y c n e i c i f f E η A 5 . 2 = o I8 8% y c n e u q e r f g n i t a r e p Oc s o f5 40 55 5z H k t n e r r u c f f o t u CI T U C e d o m h c t a l , n i p 66 . 1A m t i u c r i c f f o / n Of f o Vn i p 12 2 . 02 3 . 0V t n e i c i f f e o c e r u t a r e p m e t e g a t l o v t u p t u OT O V C 7 . 1 ± mV/˚C Tc=+25 to +85˚C * : Under planning |
Podobny numer części - STK740-480 |
|
Podobny opis - STK740-480 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |